Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD5004 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # PSD5004
Description  High Current Glass Passivated Molding Three -Phase Bridge Rectifier Reverse Voltage 800 to 1600V Forward Current 50A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

PSD5004 Datasheet(HTML) 3 Page - Leshan Radio Company

  PSD5004 Datasheet HTML 1Page - Leshan Radio Company PSD5004 Datasheet HTML 2Page - Leshan Radio Company PSD5004 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4
PSD5008 Thru PSD5016
3.
Marking Identification
Note:
生产日期码包含4位数字,例如
“1040”,前两个数字“10” 表示为2010年,另外二个数字
“40” 是指第40周,即表示该产品为2010年40周生产。
型号: PSD 50 16
bridge reverse voltage=1600V
average rectified forward Current=50A
mean:PSD series bridge
4. Dimension


Similar Part No. - PSD5004

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PSD500H PACELEADER-PSD500H Datasheet
268Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results

Similar Description - PSD5004

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SKBPC3508 YFWDIODE-SKBPC3508 Datasheet
419Kb / 3P
   High Current Glass Passivated Molding Three-Phase Bridge Rectifier
logo
Leshan Radio Company
PSD2508 LRC-PSD2508 Datasheet
458Kb / 3P
   High Current Glass Passivated Molding Three -Phase Bridge Rectifier
DF30DB80 LRC-DF30DB80 Datasheet
423Kb / 3P
   High Current Glass Passivated Molding Three -Phase Bridge Rectifier
S15VB10W LRC-S15VB10W Datasheet
198Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier Reverse Voltage 100 to 1000V Forward Current 15.0 A
S25VB10W LRC-S25VB10W Datasheet
177Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier Reverse Voltage 100 to 1000V Forward Current 25.0 A
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com