Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUR640 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LUR640
Description  Glass Passivated Junction Ultra Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LUR640 Datasheet(HTML) 1 Page - Leshan Radio Company

  LUR640 Datasheet HTML 1Page - Leshan Radio Company LUR640 Datasheet HTML 2Page - Leshan Radio Company LUR640 Datasheet HTML 3Page - Leshan Radio Company LUR640 Datasheet HTML 4Page - Leshan Radio Company LUR640 Datasheet HTML 5Page - Leshan Radio Company LUR640 Datasheet HTML 6Page - Leshan Radio Company LUR640 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC R-6, molded plastic over glass die
We declare that the material of product compliance
Terminals: Plated axial leads, solderable per
with ROHS requirements
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.042 oz., 1.19 g
Handling precautin:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
LUR
605
LUR
610
LUR
615
LUR
620
LUR
640
LUR
650
LUR
660
Unit
Marking spec
LUR
605
LUR
610
LUR
615
LUR
620
LUR
640
LUR
650
LUR
660
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
400
500
600V
Maximum RMS voltage
VRMS
35
70
105
140
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
400
500
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 75°C
IR(AV)
µA
Typical thermal resistance (Note 2)
R
θJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
LUR
605
LUR
610
LUR
615
LUR
620
LUR
640
LUR
650
LUR
660
Unit
Maximum Instantaneous Forward Voltage
(IF = 6.0 Amps, TJ = 150
°C)
(IF = 6.0 Amps, TJ = 25
°C)
VF
1.13
1.50
V
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths
(Rated dc Voltage, TJ = 150
°C)
(Rated dc Voltage, TJ = 25
°C)
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
LUR605 thru LUR660
50
200
5.0
35
100
50
1.05
1.25
–65 to +150
0.895
0.930
Glass Passivated Junction Ultra Fast Rectifiers
Reverse Voltage 50 to 600V Forward Current 6.0A
20
6.0
165


Similar Part No. - LUR640

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR6100 LRC-LUR6100 Datasheet
461Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 800 to 1000V Forward Current 6.0A
logo
SunLED Corporation
LUR61D SUNLED-LUR61D Datasheet
179Kb / 4P
   1.8mm SOLID STATE LAMP
logo
LIGITEK electronics co....
LUR63233H-PF LIGITEK-LUR63233H-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUR63633H-S1-PF LIGITEK-LUR63633H-S1-PF Datasheet
108Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LUR63633H/S1-PF LIGITEK-LUR63633H/S1-PF Datasheet
108Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUR640

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160_15 Datasheet
115Kb / 4P
   Glass Passivated Junction Ultra Fast Rectifiers
LUR1100 LRC-LUR1100_15 Datasheet
358Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
UG2D LRC-UG2D_15 Datasheet
177Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
LUR460 LRC-LUR460_15 Datasheet
186Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
SF68G LRC-SF68G_15 Datasheet
245Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
SF64G LRC-SF64G_15 Datasheet
88Kb / 3P
   Glass Passivated Junction Ultra Fast Rectifiers
LUMA160 LRC-LUMA160_15 Datasheet
189Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers
UG4D LRC-UG4D_15 Datasheet
190Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
LUMBF260 LRC-LUMBF260_15 Datasheet
224Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers
SF58G LRC-SF58G_15 Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com