Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA128KM Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA128KM
Description  Difet Electrometer-Grade OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA128KM Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA128KM Datasheet HTML 1Page - Burr-Brown (TI) OPA128KM Datasheet HTML 2Page - Burr-Brown (TI) OPA128KM Datasheet HTML 3Page - Burr-Brown (TI) OPA128KM Datasheet HTML 4Page - Burr-Brown (TI) OPA128KM Datasheet HTML 5Page - Burr-Brown (TI) OPA128KM Datasheet HTML 6Page - Burr-Brown (TI) OPA128KM Datasheet HTML 7Page - Burr-Brown (TI) OPA128KM Datasheet HTML 8Page - Burr-Brown (TI) OPA128KM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
3
OPA128
Supply ...........................................................................................
±18VDC
Internal Power Dissipation(1) .......................................................... 500mW
Differential Input Voltage ..............................................................
±36VDC
Input Voltage Range .....................................................................
±18VDC
Storage Temperature Range .......................................... –65
°C to +150°C
Operating Temperature Range ....................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short Circuit Duration(2) ................................................ Continuous
Junction Temperature .................................................................... +175
°C
NOTES: (1) Packages must be derated based on
θ
CA = 150°C/W or θJA =
200
°C/W. (2) Short circuit may be to power supply common only. Rating
applies to +25
°C ambient. Observe dissipation limit and T
J.
ELECTRICAL (FULL TEMPERATURE RANGE SPECIFICATIONS)
At V
CC = ±15VDC and TA = TMIN and TMAX, unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
OPA128JM
OPA128KM
OPA128LM
OPA128SM
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TEMPERATURE RANGE
Specification Range
Ambient Temp.
0
+70
0
+70
0
+70
–55
+125
°C
INPUT
BIAS CURRENT(1)
Input Bias Current
VCM = 0VDC
±2.5
±8
±1.3
±4
±0.7
±2
±43
±170
pA
OFFSET CURRENT(1)
Input Offset Current
VCM = 0VDC
1.1
0.6
0.6
18
pA
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0VDC
±2.2mV
±1mV
±750
±1.5mV
µV
Average Drift
±20
±10
±5
±10
µV/°C
Supply Rejection
74
114
80
114
80
114
80
106
dB
±2
±200
±2
±100
±2
±100
±5
±100
µV/V
VOLTAGE RANGE(2)
Common-Mode Input Range
±10
±11
±10
±11
±10
±11
±10
±11
V
Commmon-Mode Rejection
VIN = ±10VDC
74
112
80
112
80
112
74
104
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
90
125
104
125
104
125
90
122
dB
RATED OUTPUT
Voltage Output
RL = 2k±10
±10
±10
±10
V
Current Output
VO = ±10VDC
±5
±5
±5
±5mA
Short Circuit Current
VO = 0VDC
10
22
10
22
10
22
10
18
mA
POWER SUPPLY
Current, Quiescent
I = 0mADC
0.9
1.8
0.9
1.8
0.9
1.8
0.9
2
mA
NOTES: (1) Offset voltage, offset current, and bias current are measured with the units fully warmed up. (2) If it is possible for the input voltage to exceed the supply
voltage, a series protection resistor should be added to limit input current to 0.5mA. The input devices can withstand overload currents of 0.3mA indefinitely without
damage.
CONNECTION DIAGRAM
8
1
2
7
6
5
3
4
Offset
Trim
Offset
Trim
Output
+V
CC
Substrate and Case
–In
+In
OPA128
Top View
–V
CC
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA128JM
TO-99
001
OPA128KM
TO-99
001
OPA128LM
TO-99
001
OPA128SM
TO-99
001
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE INFORMATION
TEMPERATURE
BIAS CURRENT,
PRODUCT
PACKAGE
RANGE
max (fA)
OPA128JM
TO-99
0
°C to +70°C
±300
OPA128KM
TO-99
0
°C to +70°C
±150
OPA128LM
TO-99
0
°C to +70°C
±75
OPA128SM
TO-99
–55
°C to +125°C
±150
ORDERING INFORMATION


Similar Part No. - OPA128KM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA121 TI1-OPA121 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA121KM BURR-BROWN-OPA121KM Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA121KM TI1-OPA121KM Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KM3 TI1-OPA121KM3 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA128KM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546 Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA671 BURR-BROWN-OPA671 Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com