Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0727A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0727A
Description  SAW Filter 168MHz 20MHz BW (SMD 13.3x6.5 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0727A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0727A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0727A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0727A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0727A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0727A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0727A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0727A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
(3) Smith chart
D. Matching Circuit:
L1= 27nH L2=39nH C1=82pF C2=82pF


Similar Part No. - TB0727A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0727A GOLLEDGE-TB0727A Datasheet
78Kb / 6P
   SAW Filter 168.0MHz
More results

Similar Description - TB0727A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0891A TAI-SAW-TB0891A Datasheet
293Kb / 6P
   SAW Filter 168MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB1340A TAI-SAW-TB1340A Datasheet
349Kb / 6P
   70MHz 40.06MHz BW SMD 13.3X6.5 mm SAW IF Filter
TB1339A TAI-SAW-TB1339A Datasheet
331Kb / 6P
   70MHz 0.78MHz BW SMD 13.3X6.5 mm SAW IF Filter
TB1165A TAI-SAW-TB1165A Datasheet
152Kb / 7P
   SAW Filter 343.4MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB1094A TAI-SAW-TB1094A Datasheet
155Kb / 8P
   SAW Filter 237.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB1186A TAI-SAW-TB1186A Datasheet
164Kb / 7P
   SAW Filter 138.24MHz 20MHz BW (SMD 7.0횞5.0 mm)
TB1251A TAI-SAW-TB1251A Datasheet
322Kb / 7P
   SAW Filter 125MHz 20MHz BW (SMD 7.0횞5.0 mm)
TB1095A TAI-SAW-TB1095A Datasheet
147Kb / 8P
   SAW Filter 528.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB0206B TAI-SAW-TB0206B Datasheet
220Kb / 7P
   SAW Filter 465MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB1311A TAI-SAW-TB1311A Datasheet
370Kb / 7P
   SAW Filter 230MHz 20MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com