Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA121KM Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA121KM
Description  Low Cost Precision Difet OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA121KM Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA121KM Datasheet HTML 1Page - Burr-Brown (TI) OPA121KM Datasheet HTML 2Page - Burr-Brown (TI) OPA121KM Datasheet HTML 3Page - Burr-Brown (TI) OPA121KM Datasheet HTML 4Page - Burr-Brown (TI) OPA121KM Datasheet HTML 5Page - Burr-Brown (TI) OPA121KM Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
®
OPA121
4
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
OPEN-LOOP FREQUENCY RESPONSE
KM
–180
–135
–90
–45
Phase
Margin
≈ 65°
Ø
Gain
∼∼
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
COMMON-MODE REJECTION
vs FREQUENCY
KM
11k
10
100
10k
100k
1M
10M
Frequency (Hz)
0
20
40
60
80
100
120
140
POWER SUPPLY REJECTION
vs FREQUENCY
–15
–10
–5
0
+5
+10
+15
Common-Mode Voltage (V)
0.01
10
1
0.1
BIAS AND OFFSET CURRENT
vs INPUT COMMON-MODE VOLTAGE
0.01
10
1
0.1
Bias Current
Offset Current
KM
–50
–25
0
+25
+50
+75
+125
Ambient Temperature (°C)
0.01
1k
100
0.1
BIAS AND OFFSET CURRENT
vs TEMPERATURE
+100
1
10
0.01
1k
100
0.1
1
10
KM
1
10
100
1k
10k
100k
1M
Frequency (Hz)
1
1k
100
10
INPUT VOLTAGE NOISE SPECTRAL DENSITY
KP, KU
KM
TYPICAL PERFORMANCE CURVES
TA = +25°C, VCC = ±15VDC unless otherwise noted.


Similar Part No. - OPA121KM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA121KM TI1-OPA121KM Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA121KM3 TI1-OPA121KM3 Datasheet
639Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA121KM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com