Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KE180A Datasheet(PDF) 3 Page - Leshan Radio Company

Part # 15KE180A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

15KE180A Datasheet(HTML) 3 Page - Leshan Radio Company

  15KE180A Datasheet HTML 1Page - Leshan Radio Company 15KE180A Datasheet HTML 2Page - Leshan Radio Company 15KE180A Datasheet HTML 3Page - Leshan Radio Company 15KE180A Datasheet HTML 4Page - Leshan Radio Company 15KE180A Datasheet HTML 5Page - Leshan Radio Company 15KE180A Datasheet HTML 6Page - Leshan Radio Company 15KE180A Datasheet HTML 7Page - Leshan Radio Company 15KE180A Datasheet HTML 8Page - Leshan Radio Company 15KE180A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UNI-
REVERSE
BREAKDOWN
BREAKDOWN
TEST
MAXIMUM
REVERSE
DIRECTIONAL
STAND-OFF
VOLTAGE
VOLTAGE
CURRENT
CLAMPING
LEAKAGE
PART
VOLTAGE
VBR (V)
VBR (V)
IT
VOLTAGE
@VRWM
NUMBER
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@IPP VC (V)
IR (uA)
1.5KE75
60.7
67.5
82.5
1
1081
1.5KE75A
64.1
71.3
78.8
1
1031
1.5KE82
66.4
73.8
90.2
1
1181
1.5KE82A
70.1
77.9
86.1
1
1131
1.5KE91
73.7
81.9
100
1
1311
1.5KE91A
77.8
86.5
95.5
1
1251
1.5KE100
81
90
110
1
1441
1.5KE100A
85.5
95
105
1
1371
1.5KE110
89.2
99
121
1
1581
1.5KE110A
94
105
116
1
1521
1.5KE120
97.2
108
132
1
1731
1.5KE120A
102
114
126
1
1651
1.5KE130
105
117
143
1
1871
1.5KE130A
111
124
137
1
1791
1.5KE150
121
135
165
1
2151
1.5KE150A
128
143
158
1
2071
1.5KE160
130
144
176
1
2301
1.5KE160A
136
152
168
1
2191
1.5KE170
138
153
187
1
2441
1.5KE170A
145
162
179
1
2341
1.5KE180
146
162
198
1
2581
1.5KE180A
154
171
189
1
2461
1.5KE200
162
180
220
1
2871
1.5KE200A
171
190
210
1
2741
1.5KE220
175
198
242
1
3441
1.5KE220A
185
209
231
1
3281
1.5KE250
202
225
275
1
3601
1.5KE250A
214
237
263
1
3441
1.5KE300
243
270
330
1
4301
1.5KE300A
256
285
315
1
4141
1.5KE350
284
315
385
1
5041
1.5KE350A
300
332
368
1
4821
1.5KE400
324
360
440
1
5741
1.5KE400A
342
380
420
1
5481
1.5KE440
356
396
484
1
6311
1.5KE440A
376
418
462
1
6001
1.5KE480
389
432
528
1
6861
1.5KE480A
408
456
504
1
6581
1.5KE510
413
459
561
1
7291
1.5KE510A
434
485
535
1
6981
1.5KE550
445
495
605
1
7911
1.5KE550A
467
523
577
1
7601
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25
°Cper Fig. 2.
2. Mounted on Copper Leaf area of 1.57in2(40mm2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
1.5KE*** Series


Similar Part No. - 15KE180A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
15KE180A RECTRON-15KE180A Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE180A DIODES-15KE180A Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Microsemi Corporation
15KE180A MICROSEMI-15KE180A Datasheet
252Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Pan Jit International I...
15KE180A PANJIT-15KE180A Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results

Similar Description - 15KE180A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com