Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP30G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # EGP30G
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

EGP30G Datasheet(HTML) 2 Page - Leshan Radio Company

  EGP30G Datasheet HTML 1Page - Leshan Radio Company EGP30G Datasheet HTML 2Page - Leshan Radio Company EGP30G Datasheet HTML 3Page - Leshan Radio Company EGP30G Datasheet HTML 4Page - Leshan Radio Company EGP30G Datasheet HTML 5Page - Leshan Radio Company EGP30G Datasheet HTML 6Page - Leshan Radio Company EGP30G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
EGP30A thru EGP30M
Fig 3. – Typical Instantaneous Forward
Characteristics
0.4
0.8
1.2
1.6
2.0
2.4
10
1.0
0.1
0.01
100
Instantaneous Forward Voltage (V)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
0
10
100
200
100
10
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Number of Cycles at 60Hz
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Fig 4. – Typical Reverse Characteristics
0
20
40
60
80
100
100
10
1.0
0.10
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=125℃
Tj=25℃
Fig. 1 – Forward Current Derating Curve
0
25
50
75
100 125
150 175
4.0
2.0
0
60 Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
Ambient Temperature, °C
Fig 6. – Typical Junction Capacitance
0.01
0.1
1.0
10
100
50
100
1.0
0.1
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)
10


Similar Part No. - EGP30G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30G ZOWIE-EGP30G Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Vishay Siliconix
EGP30G VISHAY-EGP30G Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
General Semiconductor
EGP30G GE-EGP30G Datasheet
71Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Rugao Dachang Electroni...
EGP30G DACHANG-EGP30G Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 400V Forward Current 3.0A
logo
Micro Commercial Compon...
EGP30G MCC-EGP30G Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
More results

Similar Description - EGP30G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Sangdest Microelectroni...
DSS34 SMC-DSS34 Datasheet
305Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com