Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGP15D Datasheet(PDF) 1 Page - Leshan Radio Company

Part # EGP15D
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

EGP15D Datasheet(HTML) 1 Page - Leshan Radio Company

  EGP15D Datasheet HTML 1Page - Leshan Radio Company EGP15D Datasheet HTML 2Page - Leshan Radio Company EGP15D Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-15, molded plastic over glass body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.015 oz., 0.41 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
EGP
15A
EGP
15B
EGP
15C
EGP
15D
EGP
15F
EGP
15G
EGP
15J
EGP
15K
EGP
15M
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
EGP
15A
EGP
15B
EGP
15C
EGP
15D
EGP
15F
EGP
15G
EGP
15J
EGP
15K
EGP
15M
Unit
Maximum Instantaneous Forward Voltage
(IF = 1.5 Amps, TJ = 25°C)
VF
V
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
EGP15A thru EGP15G
1.5
45
75
1.00
1.25
50
40
–50to +150
1.70
35
50
5.0
200
Glass Passivated Junction
Ultra Fast Rectifiers
Reverse Voltage 50 to 1000V
Forward Current 1.5A
We declare that the material of product
compliance with RoHS requirements.
LESHAN RADIO COMPANY, LTD.
1/3


Similar Part No. - EGP15D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP15D ZOWIE-EGP15D Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
TAITRON Components Inco...
EGP15D TAITRON-EGP15D Datasheet
145Kb / 4P
   1.5A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Shenzhen Taychipst Elec...
EGP15D TAYCHIPST-EGP15D Datasheet
2Mb / 2P
   INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
logo
Leshan Radio Company
EGP15D LRC-EGP15D_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
More results

Similar Description - EGP15D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Sangdest Microelectroni...
DSS34 SMC-DSS34 Datasheet
305Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com