Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3QL75AS Datasheet(PDF) 4 Page - Leshan Radio Company

Part # 3QL75AS
Description  Package with screw terminals Isolation voltage 3000 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

3QL75AS Datasheet(HTML) 4 Page - Leshan Radio Company

  3QL75AS Datasheet HTML 1Page - Leshan Radio Company 3QL75AS Datasheet HTML 2Page - Leshan Radio Company 3QL75AS Datasheet HTML 3Page - Leshan Radio Company 3QL75AS Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5
3QL75AK-30 Thru 3QL75AS-30
4. 印字规范Marking Identification
Note:
型号:
3
QL
75
AS -30
Highly size =22mm
Bridge reverse voltage=1600V
Average rectified forward Current=75A
mean:QL series bridge
mean:Three phase bridge


Similar Part No. - 3QL75AS

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
3QL75AS LRC-3QL75AS Datasheet
443Kb / 4P
   Package with screw terminals Glass passivated chips
3QL75AS-22 LRC-3QL75AS-22 Datasheet
443Kb / 4P
   Package with screw terminals Glass passivated chips
3QL75AS-30 LRC-3QL75AS-30 Datasheet
405Kb / 4P
   Isolation voltage 3000 V~
More results

Similar Description - 3QL75AS

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
3QL50AS-22 LRC-3QL50AS-22 Datasheet
454Kb / 4P
   Package with screw terminals Isolation voltage 3000 V
3QL60AS-30 LRC-3QL60AS-30 Datasheet
331Kb / 4P
   Package with screw terminals Isolation voltage 3000 V
3QL200AS LRC-3QL200AS Datasheet
365Kb / 4P
   Package with screw terminals Isolation voltage 3000 V
3QL60AS-22 LRC-3QL60AS-22 Datasheet
368Kb / 4P
   Package with screw terminals Isolation voltage 3000 V
3QL75AK-30 LRC-3QL75AK-30 Datasheet
405Kb / 4P
   Isolation voltage 3000 V~
3QL60AK-30 LRC-3QL60AK-30 Datasheet
331Kb / 4P
   Isolation voltage 3000 V~
3QL50AK-30 LRC-3QL50AK-30 Datasheet
374Kb / 4P
   Package with screw terminals Glass passivated chips
3QL100AK-22 LRC-3QL100AK-22 Datasheet
463Kb / 4P
   Package with screw terminals Glass passivated chips
3QL100AK-30 LRC-3QL100AK-30 Datasheet
386Kb / 4P
   Package with screw terminals Glass passivated chips
3QL150AK LRC-3QL150AK Datasheet
396Kb / 4P
   Package with screw terminals Glass passivated chips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com