Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC509A Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC509A
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC509A Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button MPC509A Datasheet HTML 6Page - Burr-Brown (TI) MPC509A Datasheet HTML 7Page - Burr-Brown (TI) MPC509A Datasheet HTML 8Page - Burr-Brown (TI) MPC509A Datasheet HTML 9Page - Burr-Brown (TI) MPC509A Datasheet HTML 10Page - Burr-Brown (TI) MPC509A Datasheet HTML 11Page - Burr-Brown (TI) MPC509A Datasheet HTML 12Page - Burr-Brown (TI) MPC509A Datasheet HTML 13Page - Burr-Brown (TI) MPC509A Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MPC508A, MPC509A
10
SBFS019A
www.ti.com
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS (CONT)
A
±V
IN
V
IN –Voltage Across Switch (V)
0
±2
±4
±6
±8
±10
±12
±14
±16
±14
±12
±10
±8
±6
±4
±2
0
ON-CHANNEL CURRENT vs VOLTAGE
–55°C
+25°C
+125°C
ACCESS TIME WAVEFORM
V
A Input
2V/Div
Output A
5V/Div
200ns/Div
V
AM
4.0V
0V
10V
t
A
50%
10V
90%
Address
Drive (V
A)
Output A
MPC
508A(1)
GND
In 2 Thru
In 7
In 1
In 8
Out
A
2
A
1
A
0
En
10M
50
+4V
14pF
V
A
NOTE: (1) Similar connection for MPC509A.
–10V
1000
900
800
700
600
500
400
300
3456789
10
11
12
13
14
15
Logic Level High (V)
ACCESS TIME vs LOGIC LEVEL (High)
Probe
+10V
+15V
V
REF
+V
–15V
–V


Similar Part No. - MPC509A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC509A BURR-BROWN-MPC509A Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC509A BURR-BROWN-MPC509A Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC509A TI1-MPC509A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC509AP BURR-BROWN-MPC509AP Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC509AP BURR-BROWN-MPC509AP Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC509A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com