Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO120SG Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ISO120SG
Description  Precision Low Cost ISOLATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO120SG Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ISO120SG Datasheet HTML 1Page - Burr-Brown (TI) ISO120SG Datasheet HTML 2Page - Burr-Brown (TI) ISO120SG Datasheet HTML 3Page - Burr-Brown (TI) ISO120SG Datasheet HTML 4Page - Burr-Brown (TI) ISO120SG Datasheet HTML 5Page - Burr-Brown (TI) ISO120SG Datasheet HTML 6Page - Burr-Brown (TI) ISO120SG Datasheet HTML 7Page - Burr-Brown (TI) ISO120SG Datasheet HTML 8Page - Burr-Brown (TI) ISO120SG Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ISO120/121
TYPICAL PERFORMANCE CURVES
T
A = +25°C; VS1 = VS2 = ±15V; and RL = 2kΩ, unless otherwise noted.
1
Frequency (Hz)
0
60
40
20
PSRR vs FREQUENCY
100
10k
1M
10
1k
100k
–V
S1, –VS2
+V
S1, +VS2
54
100
Frequency (Hz)
10
1k
100
ISOLATION MODE VOLTAGE
vs FREQUENCY ISO121
10k
1M
100M
1k
100k
10M
5k
Max AC
Rating
Degraded
Performance
Max DC Rating
Typical
Performance
100
Frequency (Hz)
10
1k
100
ISOLATION MODE VOLTAGE
vs FREQUENCY ISO120
10k
1M
100M
1k
100k
10M
2.1k
Max AC
Rating
Degraded
Performance
Max DC Rating
Typical
Performance
1
Frequency (Hz)
0.1µA
100mA
10mA
1mA
100µA
10µA
1µA
ISOLATION LEAKAGE CURRENT
vs FREQUENCY
100
10k
1M
10
1k
100k
240 Vrms
1500 Vrms
3500 Vrms
100
–3dB Frequency (Hz)
0
100nF
10nF
1000pF
BANDWIDTH vs C
2
1k
10k
100k
100
Frequency (Hz)
0.1
100
10
1
PHASE SHIFT vs C
2
1k
10k
100k
C
2 = 0
C
2 = 1000pF


Similar Part No. - ISO120SG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO120SG BURR-BROWN-ISO120SG Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO120SG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com