Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5303 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N5303
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N5303 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N5303 Datasheet HTML 1Page - Savantic, Inc. 2N5303 Datasheet HTML 2Page - Savantic, Inc. 2N5303 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N5301 2N5302 2N5303
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5301
40
2N5302
60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5303
IC=0.2A ;IB=0
80
V
2N5301/5302
0.75
VCEsat-1
Collector-emitter
saturation voltage
2N5303
IC=10A; IB=1A
1.0
V
2N5301/5302
IC=20A ;IB=2A
2.0
VCEsat-2
Collector-emitter
saturation voltage
2N5303
IC=15A ;IB=1.5A
1.5
V
2N5301/5302
IC=30A ;IB=6A
3.0
VCEsat-3
Collector-emitter
saturation voltage
2N5303
IC=20A ;IB=4A
2.0
V
VBEsat-1
Base-emitter saturation voltage
IC=10A; IB=1A
1.7
V
2N5301/5302
1.8
VBEsat-2
Base-emitter
saturation voltage
2N5303
IC=15A ;IB=1.5A
2.0
V
2N5301/5302
IC=20A ;IB=2A
VBEsat-3
Base-emitter
saturation voltage
2N5303
IC=20A ;IB=4A
2.5
V
2N5301/5302
IC=15A ; VCE=2V
1.7
VBE-1
Base-emitter
on voltage
2N5303
IC=10A ; VCE=2V
1.5
V
2N5301/5302
IC=30A ; VCE=4V
3.0
VBE-2
Base-emitter
on voltage
2N5303
IC=20A ; VCE=4V
2.5
V
ICEX
Collector cut-off current
VCE= Rated VCEO; VBE(off)=1.5V
TC=150
1.0
10
mA
ICEO
Collector cut-off current
VCE=Rated VCEO; IB=0
5.0
mA
ICBO
Collector cut-off current
VCB=Rated VCBO; IE=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5.0
mA
hFE-1
DC current gain
IC=1A ; VCE=2V
40
2N5303
IC=10A ; VCE=2V
hFE-2
DC current gain
2N5301/5302
IC=15A ; VCE=2V
15
60
2N5303
IC=20A ; VCE=4V
hFE-3
DC current gain
2N5301/5302
IC=30A ; VCE=4V
5
fT
Transition frequency
IC=1A ; VCE=10V;f=1.0MHz
2
MHz


Similar Part No. - 2N5303

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5303 MOSPEC-2N5303 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
logo
ON Semiconductor
2N5303 ONSEMI-2N5303 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
logo
Microsemi Corporation
2N5303 MICROSEMI-2N5303 Datasheet
68Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N5303 ETC-2N5303 Datasheet
347Kb / 8P
   Power Transistors
logo
Solid States Devices, I...
2N5303 SSDI-2N5303 Datasheet
201Kb / 2P
   200 WATT NPN SILICON POWER TRANSISTOR
More results

Similar Description - 2N5303

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com