Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5297 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N5297
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N5297 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N5297 Datasheet HTML 1Page - Savantic, Inc. 2N5297 Datasheet HTML 2Page - Savantic, Inc. 2N5297 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N5293 2N5295 2N5297
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5293
70
2N5295
40
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5297
IC=0.1A ;IB=0
60
V
2N5293
IC=0.5A;IB=0.05A
2N5295
IC=1.0A;IB=0.1A
VCEsat
Collector-emitter
saturation voltage
2N5297
IC=1.5A;IB=0.15A
1.0
V
2N5293
IC=0.5A ; VCE=4V
1.1
2N5295
IC=1.0A ; VCE=4V
1.3
VBE
Base-emitter on voltage
2N5297
IC=1.5A ; VCE=4V
1.5
V
2N5293/5297
VCE=65V;VBE=1.5V
TC=150
0.5
3.0
ICEV
Collector cut-off current
2N5295
VCE=35V;VBE=1.5V
TC=150
2.0
5.0
mA
ICER
Collector cut-off current
2N5293/5297
VCE=50V;RBE=100<
TC=150
0.5
2.0
mA
2N5295
VEB=7V; IC=0
IEBO
Emitter cut-off current
2N5293/5297
VEB=5V; IC=0
1.0
mA
2N5293
IC=0.5A ; VCE=4V
2N5295
IC=1.0A ; VCE=4V
30
120
hFE
DC current gain
2N5297
IC=1.5A ; VCE=4V
20
80
fT
Transition frequency
IC=0.2A ; VCE=4V
0.8
MHz
2N5293
IC=0.5A;IB=0.05A;VCC=30V
2N5295
IC=1.0A;IB=0.1A;VCC=30V
ton
Turn-on time
2N5297
IC=1.5A;IB=0.15A;VCC=30V
5.0
µs
2N5293
IC=0.5A;IB=0.05A;VCC=30V
2N5295
IC=1.0A;IB=0.1A;VCC=30V
toff
Turn-off time
2N5297
IC=1.5A;IB=0.15A;VCC=30V
15
µs


Similar Part No. - 2N5297

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N5297 SAVANTIC-2N5297 Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5297 JMNIC-2N5297 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5297 ISC-2N5297 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N5297

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com