Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5194 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N5194
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N5194 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N5194 Datasheet HTML 1Page - Savantic, Inc. 2N5194 Datasheet HTML 2Page - Savantic, Inc. 2N5194 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N5193 2N5194 2N5195
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5193
-40
2N5194
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5195
IC=-0.1A; IB=0
-80
V
VCEsat-1
Collector-emitter saturation voltage
IC=-1.5A ;IB=-0.15A
-0.6
V
VCEsat-2
Collector-emitter saturation voltage
IC=-4A ;IB=-1A
-1.2
V
VBE
Base-emitter on voltage
IC=-1.5A ; VCE=-2V
-1.2
V
2N5193
VCE=-40V; IB=0
2N5194
VCE=-60V; IB=0
ICEO
Collector cut-off current
2N5195
VCE=-80V; IB=0
-1.0
mA
2N5193
VCB=-40V; IE=0
2N5194
VCB=-60V; IE=0
ICBO
Collector cut-off current
2N5195
VCB=-80V; IE=0
-0.1
mA
2N5193
VCE=-40V; VBE(off)=-1.5V
TC=125
-0.1
-2.0
2N5194
VCE=-60V; VBE(off)=-1.5V
TC=125
-0.1
-2.0
ICEX
Collector cut-off current
2N5195
VCE=-80V; VBE(off)=-1.5V
TC=125
-0.1
-2.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
2N5193
2N5194
25
100
hFE-1
DC current gain
2N5195
IC=-1.5A ; VCE=-2V
20
80
2N5193
2N5194
10
hFE-2
DC current gain
2N5195
IC=-4A ; VCE=-2V
7
fT
Transition frequency
IC=-1A ; VCE=-10V;f=1MHz
2
MHz


Similar Part No. - 2N5194

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5194 ONSEMI-2N5194 Datasheet
99Kb / 8P
   Silicon PNP Power Transistors(4 AMPERE)
April, 2002 ??Rev. 10
logo
Central Semiconductor C...
2N5194 CENTRAL-2N5194 Datasheet
60Kb / 1P
   PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
ON Semiconductor
2N5194 ONSEMI-2N5194 Datasheet
86Kb / 6P
   Silicon PNP Power Transistors
October, 2006 ??Rev. 12
logo
Savantic, Inc.
2N5194 SAVANTIC-2N5194 Datasheet
105Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N5194 JMNIC-2N5194 Datasheet
48Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2N5194

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com