Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5191 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2N5191
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N5191 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N5191 Datasheet HTML 1Page - Savantic, Inc. 2N5191 Datasheet HTML 2Page - Savantic, Inc. 2N5191 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N5190 2N5191 2N5192
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5190
40
2N5191
60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5192
IC=0.1A; IB=0
80
V
VCEsat-1
Collector-emitter saturation voltage
IC=1.5A ;IB=0.15A
0.6
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A ;IB=1A
1.4
V
VBE
Base-emitter on voltage
IC=1.5A ; VCE=2V
1.2
V
2N5190
VCE=40V; IB=0
2N5191
VCE=60V; IB=0
ICEO
Collector cut-off current
2N5192
VCE=80V; IB=0
1.0
mA
2N5190
VCB=40V; IE=0
2N5191
VCB=60V; IE=0
ICBO
Collector cut-off current
2N5192
VCB=80V; IE=0
0.1
mA
2N5190
VCE=40V; VBE(off)=1.5V
TC=125
0.1
2.0
2N5191
VCE=60V; VBE(off)=1.5V
TC=125
0.1
2.0
ICEX
Collector cut-off current
2N5192
VCE=80V; VBE(off)=1.5V
TC=125
0.1
2.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
2N5190
2N5191
25
100
hFE-1
DC current gain
2N5192
IC=1.5A ; VCE=2V
20
80
2N5190
2N5191
10
hFE-2
DC current gain
2N5192
IC=4A ; VCE=2V
7
fT
Transition frequency
IC=1A ; VCE=10V;f=1MHz
2
MHz


Similar Part No. - 2N5191

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5191 ONSEMI-2N5191 Datasheet
102Kb / 8P
   POWER TRANSISTORS SILICON NPN
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N5191 STMICROELECTRONICS-2N5191 Datasheet
65Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTORS
June 1997
logo
Central Semiconductor C...
2N5191 CENTRAL-2N5191 Datasheet
61Kb / 1P
   NPN SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
STMicroelectronics
2N5191 STMICROELECTRONICS-2N5191 Datasheet
48Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTORS
2N5191 STMICROELECTRONICS-2N5191 Datasheet
229Kb / 9P
   NPN power transistors
More results

Similar Description - 2N5191

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com