Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO113 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO113
Description  Low-Cost, High-Voltage, Internally Powered OUTPUT ISOLATION AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO113 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ISO113 Datasheet HTML 1Page - Burr-Brown (TI) ISO113 Datasheet HTML 2Page - Burr-Brown (TI) ISO113 Datasheet HTML 3Page - Burr-Brown (TI) ISO113 Datasheet HTML 4Page - Burr-Brown (TI) ISO113 Datasheet HTML 5Page - Burr-Brown (TI) ISO113 Datasheet HTML 6Page - Burr-Brown (TI) ISO113 Datasheet HTML 7Page - Burr-Brown (TI) ISO113 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
®
ISO113
2
SPECIFICATIONS
ELECTRICAL
At T
A = +25°C and VCC1 = ±15V, ±15mA output, current unless otherwise noted.
ISO113
ISO113B
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ISOLATION
Rated Continuous Voltage
AC, 60Hz
T
MIN to TMAX
1500
T
Vrms
DC
T
MIN to TMAX
2121
T
VDC
Test Breakdown, 100% AC, 60Hz
10s
5657
T
Vpk
Isolation-Mode Rejection
1500Vrms, 60Hz
130
T
dB
2121VDC
160
T
dB
Barrier Impedance
1012 || 9
T
Ω || pF
Leakage Current
240Vrms, 60Hz
1
2
TT
µA
GAIN
Nominal
1
T
V/V
Initial Error
±0.3
±0.5
TT
%FSR
Gain vs Temperature
±60
±100
±20
±50
ppm/
°C
Nonlinearity
V
O = –10V to 10V
±0.05
±0.1
±0.03
±0.05
%FSR
V
O = –5V to 5V
±0.02
±0.04
±0.012
±0.02
%FSR
INPUT OFFSET VOLTAGE
Initial Offset
±20
±60
TT
mV
vs Temperature
±300
±500
±100
±250
µV/°C
vs Power Supplies
V
CC2 = ±10 to ±18V
0.9
T
mV/V
vs Output Supply Load
I
O = 0 to ±50mA
±0.3
T
mV/mA
SIGNAL INPUT
Voltage Range
Output Voltage in Range
±10
±15
TT
V
Resistance
200
T
k
SIGNAL OUTPUT
Voltage Range
±10
±12.5
TT
V
Current Drive
±5
±15
TT
mA
Ripple Voltage, 800kHz Carrier
25
T
mVp-p
400
Ω/4.7nF (See Figure 4)
5
T
mVp-p
Capacitive Load Drive
1000
T
pF
Voltage Noise
4
T
µV/√Hz
FREQUENCY RESPONSE
Small Signal Bandwidth
20
T
kHz
Slew Rate
1.5
T
V/
µs
Settling Time
0.1%, –10/10V
75
T
µs
POWER SUPPLIES
Rated Voltage, V
CC1
±15
T
V
Voltage Range
±10
±18
TT
V
Input Current
I
O = ±15mA
+90/–4.5
T
mA
I
O = 0mA
+60/–4.5
T
mA
Ripple Current
No Filter
60
T
mAp-p
C
IN = 1µF3
T
mAp-p
Rated Output Voltage
Load = 15mA
±14.25
±15
±15.75
TTT
V
Output
50mA Balanced Load
10
T
V
100mA Single-Ended Load
10
T
V
Load Regulation
Balanced Load
0.3
T
%/mA
Line Regulation
1.12
T
V/V
Output Voltage vs Temperature
2.5
T
mV/
°C
Voltage Balance,
±V
CC2
0.05
T
%
Voltage Ripple (800kHz)
No External Capacitors
50
T
mVp-p
C
EXT = 1µF5
T
mVp-p
Output Capacitive Load
1
T
µF
Sync Frequency
Sync-Pin Grounded(2)
1.6
T
MHz
TEMPERATURE RANGE
Specification
–25
+85
TT
°C
Operating
–25
+85
TT
°C
Storage
–25
+125
TT
°C
T Specifications same as ISO113.
NOTE: (1) Conforms to UL1244 test methods. 100% tested at 1500Vrms for 1 minute. (2) If using external synchronization with a TTL-level clock, frequency should
be between 1.2MHz and 2MHz with a duty-cycle greater than 25%.


Similar Part No. - ISO113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DW TI-ISO1176DW Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DW TI-ISO1176DW Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DWG4 TI-ISO1176DWG4 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
More results

Similar Description - ISO113

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
ISO107 BURR-BROWN-ISO107 Datasheet
119Kb / 8P
   High-Voltage, Internally Powered ISOLATION AMPLIFIER
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
logo
List of Unclassifed Man...
290A ETC1-290A Datasheet
45Kb / 1P
   Low Cost Single and Multichannel Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com