Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO106B Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO106B
Description  SIGNAL ISOLATION BUFFER AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO106B Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ISO106B Datasheet HTML 1Page - Burr-Brown (TI) ISO106B Datasheet HTML 2Page - Burr-Brown (TI) ISO106B Datasheet HTML 3Page - Burr-Brown (TI) ISO106B Datasheet HTML 4Page - Burr-Brown (TI) ISO106B Datasheet HTML 5Page - Burr-Brown (TI) ISO106B Datasheet HTML 6Page - Burr-Brown (TI) ISO106B Datasheet HTML 7Page - Burr-Brown (TI) ISO106B Datasheet HTML 8Page - Burr-Brown (TI) ISO106B Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
ISO102/106
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VCC = ±15VDC unless otherwise noted.
ISOLATION-MODE REJECTION
vs ISOLATION VOLTAGE FREQUENCY
Isolation Voltage Frequency (Hz)
160
140
120
100
80
60
10
1M
100
1k
10k
100k
ISO102
ISO106
DYNAMIC RANGE vs BANDWIDTH
Small Signal Bandwidth (Hz)
Bandwidth Control Capacitors (F)
120
110
100
90
80
70
1
10
100
1k
10k
100k
300n
30n
3nF
300p
30p
BW —
C —
1
See “Bandwidth
Control” Curve
See Figure 4
V
OUT = ±1V
V
OUT = ±10V
ISOLATION LEAKAGE CURRENT
vs ISOLATION VOLTAGE FREQUENCY
Isolation Voltage Frequency (Hz)
10
1M
10m
1m
100µ
10µ
100n
100
1k
10k
100k
Isolation Voltage = 240Vrms
Isolation Voltage (V)
0
Rated
1
0.5
0
–0.5
–1
2
1
0
–1
–2
Gain
Offset
T = T
to T
MIN
MAX
GAIN ERROR AND OFFSET VOLTAGE
vs ISOLATION VOLTAGE
BANDWIDTH CONTROL
C
1 (F)
1M
100k
10k
1k
100
10
1
3p
30p
300p
3n
30n
300n
C
2 = 2 (C1)
See Figure 4
POWER DISSIPATION vs TEMPERATURE
Ambient Temperature (°C)
–25
85
95
105
115
125
135
1.6
1.4
1.2
1
0.8
0
±20
±15
±10
0.785
1.178
1.57
= (T
– T )/
A
Slope =
P
= 40°C/W
θ
JA
D MAX
J MAX
θ
JA
Maximum Junction
Temperature = 160°C
Maximum Junction
Temperature = 150°C
0


Similar Part No. - ISO106B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100AP BURR-BROWN-ISO100AP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100BP BURR-BROWN-ISO100BP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO100CP BURR-BROWN-ISO100CP Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
More results

Similar Description - ISO106B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
logo
PHOENIX CONTACT
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
   NAMUR isolation amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com