Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1207 Datasheet(PDF) 11 Page - LDT Co., Ltd

Part # LD1207
Description  12/9 Segment Output lines 4 to 7 grid output lines
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1207 Datasheet(HTML) 11 Page - LDT Co., Ltd

Back Button LD1207 Datasheet HTML 7Page - LDT Co., Ltd LD1207 Datasheet HTML 8Page - LDT Co., Ltd LD1207 Datasheet HTML 9Page - LDT Co., Ltd LD1207 Datasheet HTML 10Page - LDT Co., Ltd LD1207 Datasheet HTML 11Page - LDT Co., Ltd LD1207 Datasheet HTML 12Page - LDT Co., Ltd LD1207 Datasheet HTML 13Page - LDT Co., Ltd LD1207 Datasheet HTML 14Page - LDT Co., Ltd LD1207 Datasheet HTML 15Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Ver1.0
11
LD1207
12/9 segment output lines 4 to 7 grid output lines
SWITCHING CHARACTERISTIC WAVEFORM
LD1207 Switching Characteristies Waveform is given below.
OSC
STB
CLK
DIN
PW CLK (Clock Pulse Width) ≥400ns
t setup (Data Setup Time) ≥ 100ns
t CLK-STB (Clock - Strobe Time) ≥ 1㎲
t TZH (Rise Time) ≤ 1㎲
t TZL <1㎲
Gn
Sn
10%
90%
PWSTB (Strobe Pulse Width) ≥ 1㎲
thold (Data Hold Time) ≥ 100ns
t THZ (Fall Time) ≤ 10㎲
fosc = Oscillation Frequency
t TlZ <10㎲
fOSC
PWCLK
PWCLK
tsetup
thold
PWSTB
tCLK-STB
90%
10%
tTZL
tTZH
tTLZ
tTHZ


Similar Part No. - LD1207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1207 ETC1-LD1207 Datasheet
319Kb / 17P
   The LD1207 is specifically designed for LED DISPLAY drivers
More results

Similar Description - LD1207

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
   SMD Single Output Passive Delay Lines
logo
RCD COMPONENTS INC.
P01-1NS-50RBW RCD-P01-1NS-50RBW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
logo
LDT Co., Ltd
LD1961A LDT-LD1961A Datasheet
321Kb / 23P
   12 SEGMENT X 7 GRID LED Driver
logo
Rhombus Industries Inc.
SIP8 RHOMBUS-IND-SIP8 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
logo
National Semiconductor ...
MM74C925 NSC-MM74C925 Datasheet
204Kb / 8P
   4-Digit Counters with Multiplexed 7-Segment Output Drivers
logo
Hantronix,Inc
HDM12216H HANTRONIX-HDM12216H Datasheet
28Kb / 1P
   12 Character x 2 Lines
logo
Integrated Device Techn...
83905-01 IDT-83905-01 Datasheet
409Kb / 20P
   Outputs able to drive 12 series terminated lines
logo
PCA ELECTRONICS INC.
EP9748-5 PCA-EP9748-5 Datasheet
18Kb / 1P
   Mini SIL Single Output TTL Compatible Active Delay Lines
logo
Rhombus Industries Inc.
FSDM-5 RHOMBUS-IND-FSDM-5 Datasheet
31Kb / 1P
   FSDM Series FAST / TTL Buffered Single Output Delay Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com