Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2141PA Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA2141PA
Description  Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2141PA Datasheet(HTML) 3 Page - Burr-Brown (TI)

  INA2141PA Datasheet HTML 1Page - Burr-Brown (TI) INA2141PA Datasheet HTML 2Page - Burr-Brown (TI) INA2141PA Datasheet HTML 3Page - Burr-Brown (TI) INA2141PA Datasheet HTML 4Page - Burr-Brown (TI) INA2141PA Datasheet HTML 5Page - Burr-Brown (TI) INA2141PA Datasheet HTML 6Page - Burr-Brown (TI) INA2141PA Datasheet HTML 7Page - Burr-Brown (TI) INA2141PA Datasheet HTML 8Page - Burr-Brown (TI) INA2141PA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
®
INA2141
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
Top View
DIP
SOL-16
Supply Voltage ..................................................................................
±18V
Analog Input Voltage Range .............................................................
±40V
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature ................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS
V
INA
V
INA
J
A
J
A
V
INB
V
INB
J
B
J
B
1
2
3
4
Ref
A
V
OA
Sense
A
V–
5
6
7
8
16
15
14
13
Ref
B
V
OB
Sense
B
V+
12
11
10
9
+
+
ORDERING INFORMATION
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
INA2141PA
16-Pin Plastic DIP
180
–40
°C to +85°C
INA2141P
16-Pin Plastic DIP
180
–40
°C to +85°C
INA2141UA
SOL-16 Surface-Mount
211
–40
°C to +85°C
INA2141U
SOL-16 Surface-Mount
211
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.


Similar Part No. - INA2141PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2141PA TI1-INA2141PA Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2141PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA131 TI1-INA131 Datasheet
126Kb / 11P
[Old version datasheet]   Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
   Precision G = 100 INSTRUMENTATION AMPLIFIER
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com