Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1072 Datasheet(PDF) 10 Page - LDT Co., Ltd

Part # LD1072
Description  16-CH LED DRIVER WITH DOT CORRECTION
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072 Datasheet(HTML) 10 Page - LDT Co., Ltd

Back Button LD1072 Datasheet HTML 6Page - LDT Co., Ltd LD1072 Datasheet HTML 7Page - LDT Co., Ltd LD1072 Datasheet HTML 8Page - LDT Co., Ltd LD1072 Datasheet HTML 9Page - LDT Co., Ltd LD1072 Datasheet HTML 10Page - LDT Co., Ltd LD1072 Datasheet HTML 11Page - LDT Co., Ltd LD1072 Datasheet HTML 12Page - LDT Co., Ltd LD1072 Datasheet HTML 13Page - LDT Co., Ltd LD1072 Datasheet HTML 14Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Ver1.0
9
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
SWITCHING CHARACTERISTICS
(V
DD = 3V to 5.5V, CL = 15pF,TA = -40 ℃
℃to 85℃
℃ (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Rise time
t
r0
DO
16
ns
t
r1
OUTn, V
DD = 5 V, TA = 60℃, DCn = 3Fh
10
30
Fall time
T
f0
DO
16
ns
t
f1
OUTn, V
DD = 5 V, TA = 60 ℃, DCn = 3Fh
10
30
Propagation delay
time
t
pd0
CLK - DO (see Figure 12)
30
ns
t
pd1
OEB - OUT0 (see Figure 12)
60
t
pd2
OUTn - ERR (see Figure 12)
1000
ns
t
pd3
PWMCK - OUT0 (see Figure 12)
60
ns
t
pd4
ST - IOUT (dot correction)
(see Figure 12)
1000
ns
Output delay time
t
d
OUTn - OUT(n+1) (see Figure 12)
2
4
ns
Output on-time error
t
on_err
t
outon
T
pwmck (see Figure 12),
PWMn = 01h, PWMCK = 11MHz
10
-20
-50
ns


Similar Part No. - LD1072

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1071 LDT-LD1071 Datasheet
554Kb / 36P
   16 Channel Output LED Driver
LD1074 LDT-LD1074 Datasheet
1Mb / 32P
   16-Channel Constant Current LED Driver
More results

Similar Description - LD1072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923 TI1-TLC5923_17 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com