Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA157UA Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA157UA
Description  High-Speed, Precision DIFFERENCE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA157UA Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA157UA Datasheet HTML 1Page - Burr-Brown (TI) INA157UA Datasheet HTML 2Page - Burr-Brown (TI) INA157UA Datasheet HTML 3Page - Burr-Brown (TI) INA157UA Datasheet HTML 4Page - Burr-Brown (TI) INA157UA Datasheet HTML 5Page - Burr-Brown (TI) INA157UA Datasheet HTML 6Page - Burr-Brown (TI) INA157UA Datasheet HTML 7Page - Burr-Brown (TI) INA157UA Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
®
INA157
SPECIFICATIONS: VS = ±15V
At TA = +25°C, VS = ±15V, RL = 2kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INA157U
INA157UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
RTO
Initial(1)
±100
±500
V
±1000
µV
vs Temperature
±2
±20
VV
µV/°C
vs Power Supply
VS = ±4V to ±18V
±5
±60
VV
µV/V
vs Time
0.25
V
µV/mo
INPUT IMPEDANCE(2)
Differential
24
V
k
Common-Mode
18
V
k
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
Positive
VO = 0V
3(V+)–7.5
3(V+)–6
VV
V
Negative
VO = 0V
3(V–)+7.5
3(V–)+3
VV
V
Common-Mode Rejection Ratio
VCM = –37.5V to 37.5V, RS = 0Ω
86
96
80
V
dB
OUTPUT VOLTAGE NOISE(3)
RTO
f = 0.1Hz to 10Hz
1.3
V
µVp-p
f = 1kHz
26
V
nV/
√Hz
GAIN
Initial
0.5
V
V/V
Error
VO = –10V to +10V
±0.01
±0.05
V
±0.1
%
vs Temperature
±1
±10
VV
ppm/
°C
Nonlinearity
VO = –10V to +10V
±0.0001
±0.001
V
±0.002
% of FS
OUTPUT
Voltage, Positive
(V+)–2
(V+)–1.8
VV
V
Negative
(V–)+2
(V–)+1.6
VV
V
Current Limit, Continuous to Common
±60
V
mA
Capacitive Load (stable operation)
500
V
pF
FREQUENCY RESPONSE
Small-Signal Bandwidth
–3dB
4
V
MHz
Slew Rate
14
V
V/
µs
Settling Time: 0.1%
10V Step, CL = 100pF
2
V
µs
0.01%
10V Step, CL = 100pF
3
V
µs
Overload Recovery Time
50% Overdrive
3
V
µs
POWER SUPPLY
Rated Voltage
±15
V
V
Operating Voltage Range
±4
±18
VV
V
Quiescent Current
IO = 0mA
±2.4
±2.9
VV
mA
TEMPERATURE RANGE
Specified
–40
+85
VV
°C
Operation
–55
+125
VV
°C
Storage
–55
+125
VV
°C
Thermal Resistance,
Θ
JA
SO-8 Surface-Mount
150
V
°C/W
VSpecifications the same as INA157U.
NOTES: (1) Includes effects of amplifier’s input bias and offset currents. (2) Internal resistors are ratio matched but have
±20% absolute value. (3) Includes effects
of amplifier’s input current noise and thermal noise contribution of resistor network.


Similar Part No. - INA157UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA157UA TI1-INA157UA Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
INA157UA/2K5 TI1-INA157UA/2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
INA157UA/2K5G4 TI1-INA157UA/2K5G4 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
INA157UAG4 TI1-INA157UAG4 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
More results

Similar Description - INA157UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA157 TI1-INA157 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
   High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
   High Voltage, Precision Difference Amplifier
Rev. 0
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Analog Devices
AD8209 AD-AD8209 Datasheet
318Kb / 16P
   High Voltage, Precision Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com