Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2128 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2128
Description  Dual, Low Power INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2128 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button INA2128 Datasheet HTML 2Page - Burr-Brown (TI) INA2128 Datasheet HTML 3Page - Burr-Brown (TI) INA2128 Datasheet HTML 4Page - Burr-Brown (TI) INA2128 Datasheet HTML 5Page - Burr-Brown (TI) INA2128 Datasheet HTML 6Page - Burr-Brown (TI) INA2128 Datasheet HTML 7Page - Burr-Brown (TI) INA2128 Datasheet HTML 8Page - Burr-Brown (TI) INA2128 Datasheet HTML 9Page - Burr-Brown (TI) INA2128 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
INA2128
9
OFFSET TRIMMING
The INA2128 is laser trimmed for low offset voltage and
offset voltage drift. Most applications require no external
offset adjustment. Figure 2 shows an optional circuit for
trimming the output offset voltage. The voltage applied to
Ref terminal is summed with the output. The op amp buffer
provides low impedance at the Ref terminal to preserve good
common-mode rejection.
FIGURE 3. Providing an Input Common-Mode Current Path.
voltage swing of amplifiers A
1 and A2. So the linear com-
mon-mode input range is related to the output voltage of the
complete amplifier. This behavior also depends on supply
voltage—see performance curves “Input Common-Mode
Range vs Output Voltage.”
Input-overload can produce an output voltage that appears
normal. For example, if an input overload condition drives
both input amplifiers to their positive output swing limit, the
difference voltage measured by the output amplifier will be
near zero. The output of the INA2128 will be near 0V even
though both inputs are overloaded.
LOW VOLTAGE OPERATION
The INA2128 can be operated on power supplies as low as
±2.25V. Performance remains excellent with power sup-
plies ranging from
±2.25V to ±18V. Most parameters vary
only slightly throughout this supply voltage range—see
typical performance curves. Operation at very low supply
voltage requires careful attention to assure that the input
voltages remain within their linear range. Voltage swing
requirements of internal nodes limit the input common-
mode range with low power supply voltage. Typical perfor-
mance curves, “Input Common-Mode Range vs Output
Voltage” show the range of linear operation for
±15V, ±5V,
and
±2.5V supplies.
47k
47k
10k
Microphone,
Hydrophone
etc.
Thermocouple
Center-tap provides
bias current return.
INA2128
1/2
INA2128
1/2
INA2128
1/2
10k
OPA177
±10mV
Adjustment Range
100
(For other
channel)
100
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
R
G
INA2128
1/2
Ref
V
O
V
IN
V
IN
+
FIGURE 2. Optional Trimming of Output Offset Voltage.
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA2128 is extremely high—
approximately 1010
Ω. However, a path must be provided for
the input bias current of both inputs. This input bias current
is approximately
±2nA. High input impedance means that
this input bias current changes very little with varying input
voltage.
Input circuitry must provide a path for this input bias current
for proper operation. Figure 3 shows various provisions for
an input bias current path. Without a bias current path, the
inputs will float to a potential which exceeds the common-
mode range of the INA2128 and the input amplifiers will
saturate.
If the differential source resistance is low, the bias current
return path can be connected to one input (see the thermo-
couple example in Figure 3). With higher source impedance,
using two equal resistors provides a balanced input with
possible advantages of lower input offset voltage due to bias
current and better high-frequency common-mode rejection.
INPUT COMMON-MODE RANGE
The linear input voltage range of the input circuitry of the
INA2128 is from approximately 1.4V below the positive
supply voltage to 1.7V above the negative supply. As a
differential input voltage causes the output voltage increase,
however, the linear input range will be limited by the output


Similar Part No. - INA2128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281K TI1-INA21281K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281KE4 TI1-INA21281KE4 Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA21281KG4 TI1-INA21281KG4 Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128U TI1-INA2128U Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
   Low Power INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com