Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA146UA Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA146UA
Description  High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA146UA Datasheet(HTML) 5 Page - Burr-Brown (TI)

  INA146UA Datasheet HTML 1Page - Burr-Brown (TI) INA146UA Datasheet HTML 2Page - Burr-Brown (TI) INA146UA Datasheet HTML 3Page - Burr-Brown (TI) INA146UA Datasheet HTML 4Page - Burr-Brown (TI) INA146UA Datasheet HTML 5Page - Burr-Brown (TI) INA146UA Datasheet HTML 6Page - Burr-Brown (TI) INA146UA Datasheet HTML 7Page - Burr-Brown (TI) INA146UA Datasheet HTML 8Page - Burr-Brown (TI) INA146UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
INA146
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, G = 0.1, RL = 10kΩ connected to ground and Ref pin connected to ground, unless otherwise noted.
0.1Hz to 10Hz VOLTAGE NOISE (RTI)
500ms/div
GAIN vs FREQUENCY
Frequency (Hz)
100
1K
10K
1M
10M
40
20
0
–20
–40
100K
V
S = ±15V
C
L = 1000pF
G = 10
G = 1
G = 0.1
GAIN vs FREQUENCY
Frequency (Hz)
100
1K
10K
1M
10M
40
20
0
–20
–40
100K
V
S = ±15V
C
L = 200pF 10kΩ
G = 10
G = 0.1
G = 1
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100
1k
1M
10M
100
80
60
40
20
0
10k
100k
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
1
10
100
10k
100k
100
80
60
40
20
0
1k
PSR+
(V
S = ±15V)
PSR–
(V
S = ±15V)
PSR+
(V
S = +5V)
INPUT VOLTAGE NOISE DENSITY
Frequency (Hz)
0.1
1
10
10k
100k
10k
1k
100
100
1k
G = 0.1
G = 1
G = 10


Similar Part No. - INA146UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA146UA/2K5 TI1-INA146UA/2K5 Datasheet
332Kb / 15P
[Old version datasheet]   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
INA146UAE4 TI1-INA146UAE4 Datasheet
332Kb / 15P
[Old version datasheet]   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
More results

Similar Description - INA146UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA146 TI1-INA146 Datasheet
332Kb / 15P
[Old version datasheet]   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
   Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD628 AD-AD628_15 Datasheet
573Kb / 21P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628 AD-AD628 Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628 AD-AD628_06 Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD8271 AD-AD8271 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
LT1997-1 AD-LT1997-1 Datasheet
1Mb / 30P
   Precision, High Voltage, Gain Selectable Difference/Current Sense Amplifier
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com