Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VAA41D1 Datasheet(PDF) 1 Page - Wolfgang Knap

Part # VAA41D1
Description  5x7mm SMT VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

VAA41D1 Datasheet(HTML) 1 Page - Wolfgang Knap

  VAA41D1 Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seite - 37 -
Ausgabedatum: 05-06-20
A-1130 Wien
Lilienberggasse 13
Tel.: +43-1-403 08 12
Fax: +43-1-408 72 13
e-mail: info@knap.at
http://www.knap.at
Wolfgang Knap
Gesellschaft m.b.H. & Co.KG
5x7mm SMT VCXO
VAA
FREQUENZSTABILITÄT / ZIEHBEREICH
FREQUENCY STABILITY / PULLABILITY
BETRIEBSBEDINGUNGEN
OPERATING CONDITIONS
Modell Model
Stability
Pullability
Betriebstemperatur operating temp.
-10~+70°C
VAA13D1/VAA13F1
±100ppm
±100ppm
Lagertemperatur storage temperature
-40~+85°C
VAA21D1/VAA21F1
±50ppm
±50ppm
VAA23D1/VAA23F1
±50ppm
±100ppm
Betriebsspannung
supply voltage
VDD
VAA
D1
VAA
F1
+3,3 V ±0,3 V
+5,0 V ±0,5 V
VAA41D1/VAA41F1
±25ppm
±50ppm
VAA43D1/VAA43F1
±25ppm
±100ppm
Ziehspannung
control voltage
Vcont
VAA
D1
VAA
F1
+1,65 V ±1,5 V
+2,5 V ±2,0 V
Elektrische Daten electrical characteristics
Ta = -10 ~ +70°C, VDD = 5,0 V & 3,3 V, CL = 15 pF, Vcont = 2,5 V & 1,65 V
Parameter
parameter
Bedingungen
conditions
Frequenzbereich
frequ. range (MHz)
VAA
D1
VAA
F1
max. Stromaufnahme
max. input current
IDD
1,000 ~ 18,000
18,000
+ ~ 30,000
30,000
+ ~ 36,000
36,000
+ ~ 45,000
45,000
+ ~ 52,000
15 mA
15 mA
25 mA
25 mA
-
20 mA
30 mA
30 mA
40 mA
40 mA
Frequenzstabilität
frequency stability
über alles
1)
all conditions
1)
1,000 ~ 52,000
±25 ppm ~ ±100 ppm
Ziehbereich
pulling range
Vcont =2.5 ±2.0 V
2)
Vcont =1.65 ±1.5 V
2)
1,000 ~ 52,000
³±50 ppm ~ ³±100 ppm
Tastverhältnis
symmetry
@50% VDD
1,000 ~ 52,000
40/60 %
Ausgangsspannung
output voltage
VOL
VOH
“0“ level
“1“ level
1,000 ~ 52,000
0,33 V max.
2,97 V min.
0,5 V max.
4,5 V min.
Anstiegszeit max.
rise time max.
TR
20 - 80 % VDD
1,000 ~ 52,000
5 ns
Abfallzeit max.
fall time max.
TF
80 - 20 % VDD
1,000 ~ 52,000
5 ns
Ausgangsstrom min.
output current min.
IOL
IOH
“0“ level
“1“ level
1,000 ~ 52,000
4,0 mA
1,0 mA
16,0 mA
4,0 mA
Modulationsbereich
modulation range
1,000 ~ 52,000
20 kHz min.
max. Belastbarkeit
max. driving ability
HCMOS
1,000 ~ 52,000
15 pF
Linearität
linearity
1,000 ~ 52,000
±10 % max.
Startzeit max.
start-up time max.
1,000 ~ 52,000
10 ms max.
1) Anmerkung: inkl. Abgleichtoleranz, Temperaturgang, Spannungs- und Laständerung, Alterung, Schock und Vibration
note: incl. frequency and temperature tolerance, supply voltage and load change, aging, shock and vibration
2) positiver Verlauf der Frequenzänderung - positive transfer sense
Anschlußbelegung
pin connections
Abmessungen in mm
dimensions in mm
empfohlenes Layout
recommended solder pad layout
#1
Vcont
#2
E/D
#3
GND
#4
OUT
#5
N.C.
#6
VDD
Funktionstabelle
enable /disable function
control (pin #2)
output (pin #4)
open
active
“1“
active
1,9
±0,1
5,08
1,4
#1 #2
#6 #5
2,6
#3
#4
#1 #2
#6 #5
5,0
max.
7,5 max.
#3
#4
lead-free/RoHS-conformal
2,54
4,2
2,0
1,8
2,54
“0“
high Z


Similar Part No. - VAA41D1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
   Safety Switch
VAA-2E-IER2-S-1M-V1 PF-VAA-2E-IER2-S-1M-V1 Datasheet
286Kb / 2P
   Safety Switch
2019-01-09
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
   Safety Switch
2019-01-09
VAA-2E-KE1-S PF-VAA-2E-KE1-S Datasheet
582Kb / 4P
   AS-Interface safety module
2020-09-30
VAA-2E1A-IER1-S-1M-V1 PF-VAA-2E1A-IER1-S-1M-V1 Datasheet
301Kb / 2P
   Safety Switch
More results

Similar Description - VAA41D1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
357 CTS-357 Datasheet
501Kb / 3P
   5x7mm Low Cost Surface Mount VCXO
logo
Suntsu Electronics, Inc...
SVC53C SUNTSU-SVC53C Datasheet
718Kb / 4P
   Ceramic SMT 6 Pad CMOS VCXO
SVC75L SUNTSU-SVC75L Datasheet
806Kb / 4P
   Ceramic SMT 6 Pad LVDS VCXO
SVC75P SUNTSU-SVC75P Datasheet
703Kb / 4P
   Ceramic SMT 6 Pad LVPECL VCXO
SQV32C SUNTSU-SQV32C Datasheet
825Kb / 4P
   Ceramic SMT 6 Pad CMOS VCXO
SVC32C SUNTSU-SVC32C Datasheet
699Kb / 4P
   Ceramic SMT 4 Pad CMOS VCXO
SVC75C SUNTSU-SVC75C Datasheet
670Kb / 4P
   Ceramic SMT 6 Pad CMOS VCXO
logo
MTRONPTI
XO7080 MTRONPTI-XO7080_16 Datasheet
234Kb / 2P
   MtronPTI XO7080 Pure Sine Output SMT VCXO
logo
Suntsu Electronics, Inc...
SQV75P SUNTSU-SQV75P Datasheet
696Kb / 4P
   Ceramic SMT Quick Turn 6 Pad LVPECL VCXO
SQV53C SUNTSU-SQV53C Datasheet
800Kb / 4P
   Ceramic SMT Quick Turn 6 Pad CMOS VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com