Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA141P Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA141P
Description  Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA141P Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA141P Datasheet HTML 1Page - Burr-Brown (TI) INA141P Datasheet HTML 2Page - Burr-Brown (TI) INA141P Datasheet HTML 3Page - Burr-Brown (TI) INA141P Datasheet HTML 4Page - Burr-Brown (TI) INA141P Datasheet HTML 5Page - Burr-Brown (TI) INA141P Datasheet HTML 6Page - Burr-Brown (TI) INA141P Datasheet HTML 7Page - Burr-Brown (TI) INA141P Datasheet HTML 8Page - Burr-Brown (TI) INA141P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
INA141
1
INA141
INA141
Precision, Low Power, G = 10, 100
INSTRUMENTATION AMPLIFIER
®
FEATURES
q LOW OFFSET VOLTAGE: 50
µV max
q LOW DRIFT: 0.5
µV/°C max
q ACCURATE GAIN:
±0.05% at G = 10
q LOW INPUT BIAS CURRENT: 5nA max
q HIGH CMR: 117dB min
q INPUTS PROTECTED TO
±40V
q WIDE SUPPLY RANGE:
±2.25 to ±18V
q LOW QUIESCENT CURRENT: 750
µA
q 8-PIN PLASTIC DIP, SO-8
DESCRIPTION
The INA141 is a low power, general purpose instru-
mentation amplifier offering excellent accuracy. Its
versatile 3-op amp design and small size make it ideal
for a wide range of applications. Current-feedback
input circuitry provides wide bandwidth even at high
gain (200kHz at G = 100).
Simple pin connections set an accurate gain of 10 or
100V/V without external resistors. Internal input pro-
tection can withstand up to
±40V without damage.
The INA141 is laser trimmed for very low offset
voltage (50
µV), drift (0.5µV/°C) and high common-
mode rejection (117dB at G = 100). It operates with
power supplies as low as
±2.25V, and quiescent
current is only 750
µA—ideal for battery operated
systems.
The INA141 is available in 8-pin plastic DIP, and
SO-8 surface-mount packages, specified for the –40
°C
to +85
°C temperature range.
INA141
A
1
A
2
A
3
40k
40k
40k
40k
V
IN
2
1
8
3
6
5
V
IN
V+
V–
INA141
Ref
V
O
+
Over-Voltage
Protection
25k
25k
Over-Voltage
Protection
4
7
G = 10
or
G =100
252
5050
252
APPLICATIONS
q BRIDGE AMPLIFIER
q THERMOCOUPLE AMPLIFIER
q RTD SENSOR AMPLIFIER
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
PDS-1297B


Similar Part No. - INA141P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA141P TI1-INA141P Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141P TI1-INA141P Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141PA TI1-INA141PA Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141PA TI1-INA141PA Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA141P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA131 TI1-INA131 Datasheet
126Kb / 11P
[Old version datasheet]   Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
   Precision G = 100 INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com