Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA168 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA168
Description  High-Side Measurement CURRENT SHUNT MONITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA168 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA168 Datasheet HTML 1Page - Burr-Brown (TI) INA168 Datasheet HTML 2Page - Burr-Brown (TI) INA168 Datasheet HTML 3Page - Burr-Brown (TI) INA168 Datasheet HTML 4Page - Burr-Brown (TI) INA168 Datasheet HTML 5Page - Burr-Brown (TI) INA168 Datasheet HTML 6Page - Burr-Brown (TI) INA168 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
®
INA138, INA168
SPECIFICATIONS
At TA = –40°C to +85°C, VS = 5V, VIN+ = 12V, ROUT = 125kΩ, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Full-Scale Sense Voltage
VSENSE = VIN
+ – V
IN
100
500
VV
mV
Common-Mode Input Range
2.7
36
V
60
V
Common-Mode Rejection
VIN+ = 2.7V to 40V, VSENSE = 50mV
100
120
dB
VIN+ = 2.7V to 60V, VSENSE = 50mV
100
120
dB
Offset Voltage(1)
±0.2
±1
VV
mV
vs Temperature
TMIN to TMAX
1
V
µV/°C
vs Power Supply
V– = 2.7V to 40V, VSENSE = 50mV
0.1
10
µV/V
V– = 2.7V to 60V, VSENSE = 50mV
0.1
10
µV/V
Input Bias Current
VIN
+ , V
IN
2
V
uA
OUTPUT
Transconductance
VSENSE = 10mV – 150mV
198
200
202
VV
V
µA/V
vs Temperature
VSENSE = 100mV
10
V
nA/
°C
Nonlinearity Error
VSENSE = 10mV to 150mV
±0.01
±0.1
VV
%
Total Output Error
VSENSE = 100mV
±0.5
±2
VV
%
Output Impedance
1 || 5
V
G
Ω || pF
Voltage Output
Swing to Power Supply, V+
(V+) – 0.8 (V+) – 1.0
VV
V
Swing to Common Mode, VCM
VCM – 0.5 VCM – 0.8
VV
V
FREQUENCY RESPONSE
Bandwidth
ROUT = 5kΩ
800
V
kHz
ROUT = 125kΩ
32
V
kHz
Settling Time (0.1%)
5V Step, ROUT = 5kΩ
1.8
V
µs
5V Step, ROUT = 125kΩ
30
V
µs
NOISE
Output-Current Noise Density
9
V
pA/
√Hz
Total Output-Current Noise
BW = 100kHz
3
V
nA RMS
POWER SUPPLY
Operating Range, V+
2.7
36
V
60
V
Quiescent Current
VSENSE = 0, IO = 0
25
45
VV
µA
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
85
VV
°C
Operating
–55
125
VV
°C
Storage
–65
150
VV
°C
Thermal Resistance
θ
JA
200
V
°C/W
NOTES: (1) Defined as the amount of input voltage, VSENSE, to drive the output to zero.
INA138
INA168


Similar Part No. - INA168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA168 TI1-INA168 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA168 TI-INA168 Datasheet
1Mb / 27P
[Old version datasheet]   INA1x8 High-Side Measurement Current Shunt Monitor
INA168-Q1 TI-INA168-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA168NA/250 BURR-BROWN-INA168NA/250 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA168NA/250 TI1-INA168NA/250 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com