Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM2SOJ3 Datasheet(PDF) 1 Page - Wolfgang Knap

Part # NM2SOJ3
Description  SMT CRYSTAL-OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

NM2SOJ3 Datasheet(HTML) 1 Page - Wolfgang Knap

  NM2SOJ3 Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seite - 43 -
Ausgabedatum: 14-02-11
A-1130 Wien
Lilienberggasse 13
Tel.: +43-1-403 08 12
Fax: +43-1-408 72 13
e-mail: info@knap.at
http://www.knap.at
Wolfgang Knap
Gesellschaft m.b.H. & Co.KG
5x7,5mm SMT CRYSTAL-OSCILLATORS
NMSOJ3
3,3V 30pF
FREQUENZSTABILITÄT
FREQUENCY STABILITY
BETRIEBSBEDINGUNGEN
OPERATING CONDITIONS
Modell Model
NM1SOJ3
±100ppm/-10~+70°C
Betriebstemperatur operating temp.
-10~+70°C, -40~+85°C
NM2SOJ3
±50ppm/-10~+70°C
Lagertemperatur storage temperature
-55~+125°C
NM3SOJ3
±25ppm/-10~+70°C
Betriebsspannung VDD
NM4SOJ3
±20ppm/-10~+70°C
supply voltage
+3,3V ±0,3V
NM1SOJ3R
±100ppm/-40~+85°C
Feuchteempfindlichkeit MSL
1
NM2SOJ3R
±50ppm/-40~+85°C
NM3SOJ3R
±25ppm/-40~+85°C
Elektrische Daten electrical characteristics
Ta = 25°C, VDD = 3,3 V, CL = 15 pF
Parameter
parameter
Bedingungen
conditions
Frequenzbereich
frequ. range
Spezifikationen
specifications
max. Stromaufnahme
max. input current
IDD
1,8000
+ ~ 80,000 MHz
38 mA
Frequenzstabilität
frequency stability
über alles *)
all conditions *)
1,8000
+ ~ 80,000 MHz
±20 ppm ~ ±100 ppm
Tastverhältnis
symmetry
@50% VDD
1,8000
+ ~ 80,000 MHz
45/55 %
Ausgangsspannung
output voltage
VOL
VOH
“0“ level
“1“ level
1,8000
+ ~ 80,000 MHz
10% VDD max.
90% VDD min.
Anstiegszeit max.
rise time max.
TR
10% - 90% VDD
1,8000
+ ~ 80,000 MHz
6 ns
Abfallzeit max.
fall time max.
TF
90% - 10% VDD
1,8000
+ ~ 80,000 MHz
6 ns
Ausgangsstrom min.
output current min.
IOL
IOH
“0“ level
“1“ level
1,8000
+ ~ 80,000 MHz
2 mA
Ruhestrom max.
standby current max.
VIL ≤ 30% VDD
1,8000
+ ~ 80,000 MHz
10 µA
TTL
1,8000
+ ~ 80,000 MHz
5 N-TTL
max. Belastbarkeit
max. driving ability
HCMOS
1,8000
+ ~ 80,000 MHz
30 pF
Startzeit max.
start-up time max.
0,0 - 3,3 V
1,8000
+ ~ 80,000 MHz
10 ms
*) Anmerkung: inkl. Abgleichtoleranz, Temperaturgang, Spannungs- und Laständerung, Alterung, Schock und Vibration
note: incl. frequency and temperature tolerance, supply voltage and load change, aging, shock and vibration
Anschlußbelegung
pin connections
Abmessungen in mm
dimensions in mm
empfohlenes Layout
recommended solder pad layout
#1
E/D
#2
GND
#3
OUT
#4
VDD
Funktionstabelle (f. NMSOL3)
enable /disable function
INH (pin #1)
output (pin #3)
open
active
“1“ (VIH ≥ 70% VDD)
active
“0“ (VIL ≤ 30% VDD)
high Z
5,08
1,4
#1 #2
#4 #3
2,6
#1
#2
#4
#3
5,0
max.
7,5 max.
1,4
±0,1
lead-free/RoHS-conformal
5,08
4,2
2,0
1,8


Similar Part No. - NM2SOJ3

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
NM2SOL WK-NM2SOL Datasheet
43Kb / 1P
    SMT CRYSTAL-OSCILLATORS
logo
List of Unclassifed Man...
NM2SOL3 ETC1-NM2SOL3 Datasheet
312Kb / 1P
   NM1SOL3
logo
Wolfgang Knap
NM2SOL3 WK-NM2SOL3 Datasheet
43Kb / 1P
   SMT CRYSTAL-OSCILLATORS
NM2SOL3B WK-NM2SOL3B Datasheet
44Kb / 1P
   SMT CRYSTAL-OSCILLATORS
logo
List of Unclassifed Man...
NM2SOL3R ETC1-NM2SOL3R Datasheet
312Kb / 1P
   NM1SOL3
More results

Similar Description - NM2SOJ3

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
NMSOL3B WK-NMSOL3B Datasheet
44Kb / 1P
   SMT CRYSTAL-OSCILLATORS
NMSOL3 WK-NMSOL3 Datasheet
43Kb / 1P
   SMT CRYSTAL-OSCILLATORS
NMSO WK-NMSO Datasheet
43Kb / 1P
    SMT CRYSTAL-OSCILLATORS
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
   CRYSTAL-OSCILLATORS
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
   Crystal Oscillators
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com