Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBH-2830 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QBH-2830
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QBH-2830 Datasheet(HTML) 1 Page - API Technologies Corp

  QBH-2830 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
RF AMPLIFIER
MODEL
QBH-2830
Specifications
Absolute Maximum Ratings
Ambient Operating Temperature .............. -20 ºC to +100 ºC
Storage Temperature ............................... -40 ºC to +100 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +28 Volts
Continuous RF Input Power .................................... +5 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.1 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 34.5 dB Typical
!
!
!
!
! High Power: +30 dBm Typical
!
!
!
!
! Replaces Discontinued Modular Amplifiers
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta=+25 ºC
Frequency
5 - 200 MHz
5 - 200 MHz
Power
Vdc
+24
+24
mA
300
330 Max.
Noise Figure (dB)
4.7
5.5 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
1.5:1
2.0:1 Max.
Reverse Isolation (dB)
Gain (dB)(f = 100 MHz)
34.5
34.5 Min/ 35.5 Max.
Gain Flatness
± 0.5
± 1.0 Max.
3rd Order Intercept (dBm)
+46
+44 Min.
Gain vs. Temperature
1 dB Compression (dBm)
+30
+28 Min.
Typical Performance Data
Rev.
1/17/08
Notes:
1. Maximum operating temperature is defined as that temperature which, if
exceeded for extended periods, could result in premature unit failure. This data
is provided for user reliability information. This may or may not represent the
maximum temperature for electrical parameter specifications.
2. Specifications are guaranteed when tested in a 50 Ohm system.
Specifications indicated as typical are not guaranteed.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QBH-2830

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
QBH-2830 SPECTRUM-QBH-2830 Datasheet
78Kb / 1P
   RF AMPLIFIER
More results

Similar Description - QBH-2830

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com