Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA132P Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA132P
Description  Low Power, Single-Supply DIFFERENCE AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA132P Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA132P Datasheet HTML 1Page - Burr-Brown (TI) INA132P Datasheet HTML 2Page - Burr-Brown (TI) INA132P Datasheet HTML 3Page - Burr-Brown (TI) INA132P Datasheet HTML 4Page - Burr-Brown (TI) INA132P Datasheet HTML 5Page - Burr-Brown (TI) INA132P Datasheet HTML 6Page - Burr-Brown (TI) INA132P Datasheet HTML 7Page - Burr-Brown (TI) INA132P Datasheet HTML 8Page - Burr-Brown (TI) INA132P Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
INA132
SPECIFICATIONS: VS = ±15V
At TA = +25°C, VS = ±15V, RL = 10kΩ connected to Ground, and Reference Pin connected to Ground, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INA132P, U
INA132PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
RTO
Initial
±75
±250
V
±500
µV
vs Temperature
±1
±5
V
±10(4)
µV/°C
vs Power Supply
VS = ±1.35V to ±18V
±5
±30
VV
µV/V
vs Time
0.3
V
µV/mo
INPUT IMPEDANCE(2)
Differential
80
V
k
Common-Mode
80
V
k
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VO = 0V
(V–)
2(V+)–2
VV
V
Common-Mode Rejection
VCM = –15V to 28V, RS = 0Ω
76
90
70
V
dB
OUTPUT VOLTAGE NOISE(3)
RTO
f = 0.1Hz to 10Hz
1.6
V
µVp-p
f = 1kHz
65
V
nV/
√Hz
GAIN
Initial
1
V
V/V
Error
VO = –14V to 13.5V
±0.01
±0.075
V
±0.1
%
vs Temperature(4)
±1
±10
VV
ppm/
°C
vs Nonlinearity
VO = –14V to 13.5V
±0.0001
±0.001
V
±0.002
% of FS
OUTPUT
Voltage, Positive
RL = 100kΩ to Ground
(V+)–1
(V+)–0.8
VV
V
Negative
RL = 100kΩ to Ground
(V–)+0.5
(V–)+0.15
VV
V
Positive
RL = 10kΩ to Ground
(V+)–1.5
(V+)–0.8
VV
V
Negative
RL = 10kΩ to Ground
(V–)+1
(V–)+0.25
VV
V
Current Limit, Continuous to Common
±12
V
mA
Capacitive Load (Stable Operation)
10,000
V
pF
FREQUENCY RESPONSE
Small Signal Bandwidth
–3dB
300
V
kHz
Slew Rate
0.1
V
V/
µs
Settling Time: 0.1%
VO = 10V Step
85
V
µs
0.01%
VO = 10V Step
88
V
µs
Overload Recovery Time
50% Overdrive
7
V
µs
POWER SUPPLY
Rated Voltage
±15
V
V
Voltage Range
±1.35
±18
VV
V
Quiescent Current
IO = 0mA
±160
±185
VV
µA
TEMPERATURE RANGE
Specification
–40
+85
VV
°C
Operation
–55
+125
VV
°C
Storage
–55
+125
VV
°C
Thermal Resistance,
Θ
JA
8-Pin DIP
100
V
°C/W
SO-8 Surface-Mount
150
V
°C/W
VSpecifications the same as INA132P.
NOTES: (1) Includes effects of amplifier’s input bias and offset currents. (2) 40k
Ω resistors are ratio matched but have ±20% absolute value. (3) Includes effects
of amplifier’s input current noise and thermal noise contribution of resistor network. (4) Guaranteed by wafer test to 95% confidence level.


Similar Part No. - INA132P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA132P TI1-INA132P Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132P TI1-INA132P Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132P TI1-INA132P Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132PA TI1-INA132PA Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132PA TI1-INA132PA Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA132P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com