Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

96SMF700B16 Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 96SMF700B16
Description  Monolithic Crystal Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

96SMF700B16 Datasheet(HTML) 1 Page - Wolfgang Knap

  96SMF700B16 Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
118
96SMF SERIES (4-POLE MCF IN TWO 7X5mm PACKAGES)
Monolithic Crystal Filters
STANDARD SMD MCF
(MHz)
Nominal
Frequency
fo
Part number
(MHz)
(dB)
(kHz)
Nominal
Frequency
fo
Oscillation
Mode
Passband
min.
(dB)
(kHz)
(dB)
(dB)
(kHz)
Stopband
max.
Attention
Guaranteed
min.
Ripple
max.
(dB)
Loss
max.
(
Ω//pF)
Terminating
Impedance
(˚C)
Operating
Temperature
No.
of Pole
STANDARD SPECIFICATIONS
PACKAGE DATA
Package
Item
96SMF
Lid
Base
Sealing
Terminal
Terminal plating
RoHS
Metal
Ceramic
Seam
Tungsten (metalized)
Gold / Nickel
(surface/under)
Compliant (Pb-free)
96SMF214B12
96SMF214B15
96SMF214B24
96SMF217B15
96SMF450B12
96SMF450B15
96SMF450B40
96SMF463B12
96SMF500B15
96SMF508B11
96SMF600B16
96SMF700B16
96SMF800B16
96SMF900B30
96SMF100B16
96SMF100B30
21.40
21.40
21.40
21.70
45.00
45.00
45.00
46.35
50.00
50.85
60.00
70.00
80.00
90.00
100.00
100.00
FUND
FUND
FUND
FUND
FUND
FUND
FUND
FUND
FUND
FUND
3rd
3rd
3rd
3rd
3rd
3rd
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
±6.00
±7.50
±12.0
±7.50
±6.00
±7.50
±20.0
±6.00
±7.50
±5.50
±8.00
±8.00
±8.00
±15.0
±8.00
±15.0
15
40
20
30
35
30
30
30
35
20
30
30
25
25
30
35
±12.5
±25.0
±25.0
±25.0
±20.0
±25.0
±60.0
±20.0
±25.0
±12.5
±25.0
±25.0
±25.0
±50.0
±30.0
±60.0
60
80
70
70
80
70
80
75
70
80
70
70
70
70
70
80
-910
-910
-910
-910
-910
-910
-910
-910
-910
-910
-910
-910
-910
-910
-910
-910
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
4.0
5.0
5.0
4.0
4.0
3.0
4.0
3.0
4.0
3.0
4.0
4.0
4.0
4.0
4.0
4.0
1200//1.0
2000//1.0
2000//1.0
2200//1.0
640//2.4
650//3.0
1350//0.6
490//4.0
400//4.2
650//2.5
2400//-1.4
1650//-1.1
1860//-0.9
3810//-1.3
1600//-0.5
3250//-1.0
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
7.0
±0.2
1.0 1.8
1.8
1.2
1.2
C1
C1
LM 50Ω
SG 50Ω
(R 50)Ω
(R 50)Ω
#1
#4
#3
#1
※Zc ; external coupling capacitor
#6
#1
#2
#4
#3
#5
#6
#1 GND
#2 GND
#3 Coupling CAP
#4 GND
#5 GND
#6 IN
#1
#2
Zc
#4
IN
#3
#5
#6
#6
#3
#4
#5
#2
#2
#5
#1 GND
#2 GND
#3 OUT
#4 GND
#5 GND
#6 Coupling CAP
OUT
<Top View>
96SMF
96SMF
2.2
1.1
1.1
2.2
1.4
5.8
3.6
SOLDERING PATTERN
A
7.4 5.4 16.0 7.5 8.0 1.5 0.3 1.8
178
Qty/Reel
B
C
D
F
J
L
M Reel Dia.
1000pcs
4.0
±0.1
2.0
±0.1
+0.1
-0
φ1.5
L
B
F
J
M
TAPE SPECIFICATIONS
Actual Size


Similar Part No. - 96SMF700B16

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
96SMF7005A20 WK-96SMF7005A20 Datasheet
93Kb / 1P
   Crystal Clock Oscillators
96SMF7005A20 WK-96SMF7005A20 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
96SMF7005A204P WK-96SMF7005A204P Datasheet
113Kb / 1P
   Monolithic Crystal Filters
More results

Similar Description - 96SMF700B16

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
   Monolithic Crystal Filters
UM1HLF-UM1SHLF-FAMILY WK-UM1HLF-UM1SHLF-FAMILY Datasheet
116Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com