Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

96SMF214A30 Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 96SMF214A30
Description  Crystal Clock Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

96SMF214A30 Datasheet(HTML) 1 Page - Wolfgang Knap

  96SMF214A30 Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic
Ceramic
Glass
Tungsten (metalized)
Gold / Nickel
(surface) / (under)
Compliant
Lid
Base
Sealing
Terminal
Terminal plating
RoHS
91SMOP
91SMOP
Package
Item
Package
Item
82
Crystal Clock Oscillators
TF
T
t
90% or 80% VDD
10% or 20% VDD
OV DC
Symmetry=t/T×100(%)
50% VDD
TR
GND
VOH ("1"Level)
VOL ("0"Level)
VDD
7.0
±0.2
1.4
1.4
3.68
5.08
#3
#4
#2
#1
#2
#1
#3
#4
PIN
1
CONNECTION
"L"
2
GND
3Z
OPEN or "H"
OUTPUT
Z : high impedance
4VDD
91SMOP
OUTPUT WAVEFORM
V
DC Power
Supply
CL : including fixture and probe capacitance.
VDD
VDD
CL
Test Point
#2
#3
OUTPUT
TRI-STATE
GND
#1
#4
A
TEST CIRCUIT
1.8
3.28
1.8
5.08
0.01μF
0.1μF
SOLDERING PATTERN
91SMOP
91SMOP (+3.0V, +3.3V or +5V PROGRAMMABLE MODELS)
STANDARD SMD CLOCK OSCILLATORS
STANDARD SPECIFICATIONS
Item
Specifications
STANDARD SPECIFICATIONS
PACKAGE DATA
91SMOP※1
1.000 MHz to 200.000 MHz
1.000 MHz to 80.000 MHz
91SMOP(A) : ±100 ppm
91SMOP(J) : ±100 ppm
91SMOP(B) : ±50 ppm
91SMOP(K) : ±50 ppm
-20˚C to +75˚C
+3.0V ±10%, +3.3V ±10% or +5V ±10%
+3.0V & +3.3V models
SMI P/N
+3.0V & +3.3V models
SMI P/N
VIH : +2.2 VDD min.
91SMOP(3VA)OE
VIH : +2.2 VDD min.
91SMOP(3VJ)OE
VIL : +0.5 VDD max.
91SMOP(3VB)OE
VIL : +0.5 VDD max.
91SMOP(3VK)OE
+5V models
SMI P/N
+5V models
SMI P/N
VIH : +4.0 VDD min.
91SMOP(5VA)OE
VIH : +4.0 VDD min.
91SMOP(5VJ)OE
VIL : +0.5 VDD max.
91SMOP(5VB)OE
VIL : +0.5 VDD max.
91SMOP(5VK)OE
+3.0V & +3.3V models
SMI P/N
+3.0V & +3.3V models
SMI P/N
VIH : +2.2 VDD min.
91SMOP(3VA)SB
VIH : +2.2 VDD min.
91SMOP(3VJ)SB
VIL : +0.5 VDD max.
91SMOP(3VB)SB
VIL : +0.5 VDD max.
91SMOP(3VK)SB
+5V models
SMI P/N
+5V models
SMI P/N
VIH : +4.0 VDD min.
91SMOP(5VA)SB
VIH : +4.0 VDD min.
91SMOP(5VJ)SB
VIL : +0.5 VDD max.
91SMOP(5VB)SB
VIL : +0.5 VDD max.
91SMOP(5VK)SB
-0.5V to +7.0V DC
-55˚C to +125˚C
30 mA max.
20 mA max.
30 mA max.
20 mA max.
50 mA max.
30 mA max.
50μA max. (VDD = +3.0V & Pin #1=VIL)
45% to 55% at 50%VDD level (1.00MHz to 80.00MHz)
40% to 60% at 50%VDD level (80.00MHz to 200.00MHz)
5 ns max. (20%VDD to 80%VDD level)
VOL : 10%VDD max. (1.00MHz to 130.00MHz)
VOL : 20%VDD max. (130.00MHz to 200.00MHz)
VOH : 90%VDD min. (1.00MHz to 130.00MHz)
VOH : 80%VDD min. (130.00MHz to 200.00MHz)
15 pF max. (CMOS)
50 pF max. (CMOS)
100 ns max.
150 ns max.(OE models)
10 ms max.(Stand-by models)
10 ms max.
100, 200, 250 max. (depending on frequencies)
±5 ppm max. at +25˚C ±3˚C for first year
+250˚C ±10˚C for 10 seconds
+170˚C ±10˚C for 1 to 2 minutes (preheating)
using PLL technology
(※1) Final exact part number to be determined with frequency,
frequency stability, operating temperature and input voltage.
e.g. 91SMOP(3.3VA)SB 200.000 MHz.
(※2) Internal crystal oscillation to continue(Pin #1=VIL).
(※3) Internal crystal oscillation to be halted(Pin #1=VIL).
Generic part number
Frequency range
Frequency stability
(-20˚C to +75˚C)
over all conditions
Operating Conditions
Operating temperature
Input voltage (VDD)
Tri-state control (Option1)
OE control voltage
(Pin#1)/(Pin#3)
OPEN→Output
VIH→Output
VIL→High Impedance※2
Tri-state control (Option2)
Stand-by (SB) control voltage
(Pin#1)/(Pin#3)
OPEN→Output
VIH→Output
VIL→High Impedance※3
Absolute Max. Ratings
Supply voltage
Storage temperature
Input current
+3.0V ±10%
(Pin#1=Open or VIH) +3.0V ±10%
+5V ±10%
Stand-by current※3(option)
Output (-20˚C to +75˚C)
Symmetry
Rise and fall times
"0" level
"1" level
Load
Disable delay time
Enable delay time
Startup time
Jitter (pSp-p)
Aging (non operating)
Reflow condition
(※2) Internal crystal oscillation to continue.
(※3) Internal crystal oscillation to stop.
A
7.4 5.4 16.0 7.5 8.0 1.5 0.3 1.9
180
1000pcs
Qty/Reel
B
C
D
F
J
L
M Reel Dia.
4.0
±0.1
2.0
±0.1
+0.1
-0
φ1.5
L
B
F
J
M
TAPE SPECIFICATIONS
Actual Size


Similar Part No. - 96SMF214A30

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
96SMF214A30 WK-96SMF214A30 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
More results

Similar Description - 96SMF214A30

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com