Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70M20A Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 70M20A
Description  Monolithic Crystal Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

70M20A Datasheet(HTML) 1 Page - Wolfgang Knap

  70M20A Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
122
70MHz UM-1 FAMILY
Monolithic Crystal Filters
STANDARD THROUGH-HOLE MCF
(MHz)
Nominal
Frequency
fo
Part number
(MHz)
(dB)
(kHz)
Nominal
Frequency
fo
Passband
min.
(dB)
(kHz)
(dB)
(dB)
(kHz)
Stopband
max.
Attention
Guaranteed min.
Ripple
max.
(dB)
Loss
max.
(Ω//pF)
Terminating
Impedance
(˚C)
Operating
Temperature
No.
of Pole
STANDARD SPECIFICATIONS
PACKAGE DATA
Package
Item
UM-1 / 8H
UM-1S / 8H
Cover
Base
Sealing
Terminal lead
Terminal lead plating
RoHS
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
UM-1 / 6H
UM-1S / 6H
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
UM-1 / 4H
UM-1S / 4H
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
70M7.5A
70M7.5B
70M12A
70M12B
70M15A
70M15B
70M20A
70M20B
70M30A
70M30B
P/N
70
70
70
70
70
70
70
70
70
70
3
3
3
3
3
3
3
3
3
3
±3.75
±3.75
±6.0
±6.0
±7.5
±7.5
±10.0
±10.0
±15.0
±15.0
10
30
15
30
15
25
15
35
15
30
±12.5
±12.5
±22.0
±25.0
±30.0
±25.0
±40.0
±40.0
±60.0
±60.0
35
35
70
75
35
35
70
75
35
35
70
75
35
35
70
75
35
35
70
75
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
4.0
2.0
3.0
2.0
3.0
2.0
3.0
2.0
2.0
2000//0
1800//0
2000//-0.4
2000//-0.2
2000//-0.9
2000//-0.4
2500//-0.1
2500//-0.4
4000//-0.7
4000//-0.8
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
2
4 (2 pcs.)
2
4 (2 pcs.)
2
4 (2 pcs.)
2
4 (2 pcs.)
2
4 (2 pcs.)
Contact us for other frequencies or other specifications
UM-1/8H & UM-1S/8H
UM-1/6H & UM-1S/6H
UM-1/4H & UM-1S/4H
3.75
±0.2
6.9
8.0max.
φ0.35
W
GND
Package
UM-1/8H
H
8.0max.
UM-1/6H
6.0max.
UM-1/4H
4.5max.
W
3.0
±0.2
3.0
±0.2
3.0
±0.2
Package
UM-1S/8H
H
8.0max.
UM-1S/6H
6.0max.
UM-1S/4H
4.5max.
W
2.5
±0.2
2.5
±0.2
2.5
±0.2
Actual Size
Actual Size
Actual Size
(pF)
Coupling
Capacitor
-
0.5
-
0
-
-0.5
-
-1.0
-
-1.1


Similar Part No. - 70M20A

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
70M20A RALTRON-70M20A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
More results

Similar Description - 70M20A

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
UM1HLF-UM1SHLF-FAMILY WK-UM1HLF-UM1SHLF-FAMILY Datasheet
116Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com