Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45M75C Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 45M75C
Description  Monolithic Crystal Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

45M75C Datasheet(HTML) 1 Page - Wolfgang Knap

  45M75C Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
123
Monolithic Crystal Filters
45MHz UM-1 FAMILY
STANDARD THROUGH-HOLE MCF
(MHz)
Nominal
Frequency
fo
Part number
(MHz)
(dB)
(kHz)
Nominal
Frequency
fo
Passband
min.
(dB)
(kHz)
(dB)
(dB)
(kHz)
Stopband
max.
Attention
Guaranteed min.
Ripple
max.
(dB)
Loss
max.
(
Ω//pF)
Terminating
Impedance
(˚C)
Operating
Temperature
No.
of Pole
STANDARD SPECIFICATIONS
45M7.5A
45M7.5B
45M7.5C
45M7.5D
45M12A
45M12B
45M12C
45M12D
45M15A
45M15B
45M15C
45M15D
45M20A
45M20B
45M30A
45M30B
45M30C
45M30D
45M7.5A3
45M7.5B3
45M12A3
45M12B3
45M15A3
45M15B3
45M20A3
45M20B3
P/N
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45
45 (3rd OT)
45 (3rd OT)
45 (3rd OT)
45 (3rd OT)
45 (3rd OT)
45 (3rd OT)
45 (3rd OT)
45 (3rd OT)
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
±3.75
±3.75
±3.75
±3.75
±6.0
±6.0
±6.0
±6.0
±7.5
±7.5
±7.5
±7.5
±10.0
±10.0
±15.0
±15.0
±15.0
±15.0
±3.75
±3.75
±6.0
±6.0
±7.5
±7.5
±10.0
±10.0
10
30
50
70
15
30
50
70
15
30
60
80
15
30
15
30
60
80
10
30
15
30
15
30
15
30
±12.5
±12.5
±12.5
±12.5
±22.0
±20.0
±20.0
±20.0
±25.0
±25.0
±25.0
±25.0
±35.0
±40.0
±60.0
±50.0
±50.0
±50.0
±12.5
±12.5
±22.0
±22.0
±25.0
±25.0
±35.0
±35.0
1.0
1.0
2.0
2.0
1.0
1.0
2.0
2.0
1.0
1.0
2.0
2.0
1.0
1.0
1.5
1.0
2.0
2.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
4.0
6.0
7.0
2.0
3.0
6.0
7.0
2.0
3.0
5.0
6.0
2.0
3.0
2.5
3.0
5.0
6.0
2.0
4.0
2.0
4.0
2.0
4.0
2.0
4.0
200//4.0
350//6.5
350//5.0
350//5.0
650//5.0
500//4.0
600//3.0
600//3.0
650//3.0
650//3.0
650//1.5
650//1.5
800//3.0
800//2.0
1200//0
1200//0.7
1500//0.3
1500//0.3
2000//-0.4
3000//-0.3
3000//0.1
3600//-0.7
4000//-0.7
4000//-0.8
4000//-0.1
4000//-0.7
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
2
4 (2 pcs.)
6 (SC-1)
8 (SC-1)
2
4 (2 pcs.)
6 (SC-1)
8 (SC-1)
2
4 (2 pcs.)
6 (SC-1)
8 (SC-1)
2
4 (2 pcs.)
2
4 (2 pcs.)
6 (SC-1)
8 (SC-1)
2
4 (2 pcs.)
2
4 (2 pcs.)
2
4 (2 pcs.)
2
4 (2 pcs.)
Contact us for other frequencies or other specifications
65
90
80
80
65
90
80
80
90
80
80
90
90
80
80
35
75
35
75
35
75
35
75
35
65
35
65
35
65
-910
±900 to ±1000
±900
±900
-910
±900 to ±1000
±900
±900
±900 to ±1000
±900
±900
±900 to ±1000
±900 to ±1000
±900
±900
±900
±900
±900
±900
±900
±900
±900
±900
+900 to +1000
-900 to -1000
+900 to +1000
-900 to -1000
+900 to +1000
-900 to -1000
PACKAGE DATA
Package
Item
UM-1 / 8H
UM-1S / 8H
Cover
Base
Sealing
Terminal lead
Terminal lead plating
RoHS
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
UM-1 / 6H
UM-1S / 6H
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
UM-1 / 4H
UM-1S / 4H
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
Metal
Metal (UM-1)
Resistance weld (UM-1)
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
SC-1
UM-1/8H & UM-1S/8H
UM-1/6H & UM-1S/6H
UM-1/4H & UM-1S/4H
SC-1
3.75
±0.2
6.9
8.0max.
φ0.35
W
GND
Package
UM-1/8H
H
8.0max.
UM-1/6H
6.0max.
UM-1/4H
4.5max.
W
3.0
±0.2
3.0
±0.2
3.0
±0.2
Package
UM-1S/8H
H
8.0max.
UM-1S/6H
6.0max.
UM-1S/4H
4.5max.
W
2.5
±0.2
2.5
±0.2
2.5
±0.2
11.0
1.5
7.4
0.30
OUT
GND
GND
IN
Actual Size
Actual Size
Actual Size
Actual Size
(pF)
Coupling
Capacitor
-
18
-
-
-
12
-
-
-
9
-
-
-
6.5
-
3.5
-
-
-
-0.1
-
-1
-
-1
-
-1.2
UM-1/8H & UM-1S/8H
UM-1/6H & UM-1S/6H
UM-1/4H & UM-1S/4H
SC-1


Similar Part No. - 45M75C

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
45M75A WK-45M75A Datasheet
134Kb / 1P
   Monolithic Crystal Filters
45M75A WK-45M75A Datasheet
116Kb / 1P
   Monolithic Crystal Filters
45M75A3 WK-45M75A3 Datasheet
134Kb / 1P
   Monolithic Crystal Filters
45M75A3 WK-45M75A3 Datasheet
116Kb / 1P
   Monolithic Crystal Filters
45M75B WK-45M75B Datasheet
134Kb / 1P
   Monolithic Crystal Filters
More results

Similar Description - 45M75C

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
   Monolithic Crystal Filters
UM1HLF-UM1SHLF-FAMILY WK-UM1HLF-UM1SHLF-FAMILY Datasheet
116Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com