Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS1S2403SC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # NCS1S2403SC
Description  Isolated 1W 4:1 Input Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS1S2403SC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  NCS1S2403SC Datasheet HTML 1Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 2Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 3Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 4Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 5Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 6Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 7Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCS1 Series
Isolated 1W 4:1 Input Single Output DC/DC Converters
KDC_NCS1.A02 Page 2 of 8
All enquiries: www.murata-ps.com/support
www.murata-ps.com
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
-40
105
°C
Storage
-50
125
Case temperature above ambient
100% Load, Nom VIN, Still Air
15
22
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection (for SELV input voltages)
Continuous
Control pin input voltage
18V Max
Lead temperature 1.0mm from case for 10 seconds (to JEDEC JESD22-B106 ISS C)
260°C
Input voltage, NCS1 12V input types
25V
Input voltage, NCS1 24V input types
40V
APPLICATION NOTES
Start-up times
Part No.
Start-up times
ms
NCS1S1203SC
6
NCS1S1205SC
9
NCS1S1212SC
20
NCS1S2403SC
12
NCS1S2405SC
7
NCS1S2412SC
12
Control Pin
The NCS1 converters have a shutdown feature which enables the user to put the converter into a low power state. The control pin connects directly to the base of an
internal transistor, and the switch off mechanism for the NCS1 works by forward biasing this NPN transistor. If the pin is left open (high impedance), the converter will be
ON (there is no allowed low state for this pin), but once a control voltage is applied with sufficient drive current, the converter will be switched OFF. A suitable application
circuit is shown below.
D
1
(e.g. 1N4003) is required to provide high impedence when the signal is low.
From the NCS1 specification, the drive current to operate this function is recom-
mended to be 3mA, and hence the value of R
1
can be derived as follows:
R
1
=
Assuming V
C
=5V, V
D
=0.7V and V
Q
=1V:
R
1
=
= 1100Ω
NCS1
V
IN
V
C
OV
-V
IN
CTRL
R
1
D
1
Q
1
R
2
V
C
- V
D
- V
Q
I
C
5 - 0.7 - 1.0
3 x 10-3
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product series will
start into a capacitance of 47μF with an increased start time, however the maximum recommended output capacitance is 10μF.


Similar Part No. - NCS1S2403SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS1S2403SC MURATA-PS-NCS1S2403SC Datasheet
258Kb / 11P
   Isolated 1W 4:1 Input Single Output DC-DC Converters
2021
More results

Similar Description - NCS1S2403SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MTC1 MURATA-PS-MTC1 Datasheet
471Kb / 11P
   Isolated 1W SM 2:1 Input Single Output DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com