Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA122 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA122
Description  Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA122 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA122 Datasheet HTML 1Page - Burr-Brown (TI) INA122 Datasheet HTML 2Page - Burr-Brown (TI) INA122 Datasheet HTML 3Page - Burr-Brown (TI) INA122 Datasheet HTML 4Page - Burr-Brown (TI) INA122 Datasheet HTML 5Page - Burr-Brown (TI) INA122 Datasheet HTML 6Page - Burr-Brown (TI) INA122 Datasheet HTML 7Page - Burr-Brown (TI) INA122 Datasheet HTML 8Page - Burr-Brown (TI) INA122 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©1997 Burr-Brown Corporation
PDS-1388B
Printed in U.S.A. October, 1997
100k
25k
25k
100k
INA122
5
4
2
1
8
3
7
6
R
G
V
IN
V
IN
+
V+
V
O
Ref
V–
200k
R
G
G = 5 +
V
O = (VIN – VIN) G
+
®
INA122
Single Supply, MicroPower
INSTRUMENTATION AMPLIFIER
FEATURES
q LOW QUIESCENT CURRENT: 60
µA
q WIDE POWER SUPPLY RANGE
Single Supply: 2.2V to 36V
Dual Supply: –0.9/+1.3V to
±18V
q COMMON-MODE RANGE TO (V–)–0.1V
q RAIL-TO-RAIL OUTPUT SWING
q LOW OFFSET VOLTAGE: 250
µV max
q LOW OFFSET DRIFT: 3
µV/°C max
q LOW NOISE: 60nV/
√ Hz
q LOW INPUT BIAS CURRENT: 25nA max
q 8-PIN DIP AND SO-8 SURFACE-MOUNT
APPLICATIONS
q PORTABLE, BATTERY OPERATED
SYSTEMS
q INDUSTRIAL SENSOR AMPLIFIER:
Bridge, RTD, Thermocouple
q PHYSIOLOGICAL AMPLIFIER:
ECG, EEG, EMG
q MULTI-CHANNEL DATA ACQUISITION
INA122
INA122
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DESCRIPTION
The INA122 is a precision instrumentation amplifier
for accurate, low noise differential signal acquisition.
Its two-op-amp design provides excellent performance
with very low quiescent current, and is ideal for
portable instrumentation and data acquisition systems.
The INA122 can be operated with single power sup-
plies from 2.2V to 36V and quiescent current is a mere
60
µA. It can also be operated from dual supplies. By
utilizing an input level-shift network, input common-
mode range extends to 0.1V below negative rail (single
supply ground).
A single external resistor sets gain from 5V/V to
10000V/V. Laser trimming provides very low offset
voltage (250
µV max), offset voltage drift (3µV/°C
max) and excellent common-mode rejection.
Package options include 8-pin plastic DIP and SO-8
surface-mount packages. Both are specified for the
–40
°C to +85°C extended industrial temperature range.


Similar Part No. - INA122

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122P BURR-BROWN-INA122P Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PA BURR-BROWN-INA122PA Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PAG4 BURR-BROWN-INA122PAG4 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PG4 BURR-BROWN-INA122PG4 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122U BURR-BROWN-INA122U Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA122

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com