Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

312 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 312
Description  Pre-Filtered GPS LNA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

312 Datasheet(HTML) 1 Page - API Technologies Corp

  312 Datasheet HTML 1Page - API Technologies Corp 312 Datasheet HTML 2Page - API Technologies Corp 312 Datasheet HTML 3Page - API Technologies Corp 312 Datasheet HTML 4Page - API Technologies Corp 312 Datasheet HTML 5Page - API Technologies Corp 312 Datasheet HTML 6Page - API Technologies Corp 312 Datasheet HTML 7Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Spectrum Microwave, a division of API Technologies, Corp
38166 Old Stage Road Delmar, DE 19940
Phone 302.462.3500 Fax 302.846.3888
www.spectrummicrowave.com
Last Revision: 11/20/2012
312 Series
Pre-Filtered GPS LNA
Typical Applications
Key Features
Inline Booster
Satellite Navigation
Avionics
Marine Navigation
Survey/Mapping
Military
Pre-Filtered
Low Noise Figure, 1.8 dB Typical
Wide Input Voltage Range
Qualified to many MIL-STD-810 & MIL-STD-461
Requirements
Small Lightweight Hermetic Package
Additional non-standard features available, contact
factory
Description
The 312 series pre-filtered GPS LNA module is designed
to amplify GPS signals while protecting the front end of
the GPS receiver by filtering out interferers from an
increasingly crowded EM spectrum. The module
leverages Spectrum Microwave's core competencies in
low-loss filter, amplifier and mechanical design that
results in a module that maximizes out of band
rejection while minimizing system noise figure and
maintaining a small size. The pre-filtered GPS LNA is
offered in a wide range of performance options
including GPS band configuration, gain level, supply
voltage, multiple outputs and input and output
connectors.
Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
Frequency Range
L1, L1/L2, L5, L1/L5
N/A
Gain ± 2dB
16, 19, 22, 25, 28, 31, 34, 37, 40
dB
Noise Figure
1.8
2.5
dB
OP1dB
-3
0
1
dBm
OIP3
+7
1
dBm
Rejection
f ≤ 1050 MHz
f = 1410 MHz
f ≥ 1730 MHz
-40
-45
dBc
Input Return Loss
-9.5
-17.7
dB
Output Return Loss
-9.5
-14.0
dB
Group Delay Variation
2
±2
ns
Supply Voltage
Standard
Low-Voltage
5
3.3
32
5
V
Supply Current (Icc)
53
75
mA
1. Gain configuration dependant, 2. Group Delay Variation over GPS Bands


Similar Part No. - 312

ManufacturerPart #DatasheetDescription
logo
Heyco.
312 HEYCO-312 Datasheet
120Kb / 1P
   Heavy Duty Ground Pins – Male
logo
Texas Instruments
312-00012 TI-312-00012 Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER
312-00015 TI-312-00015 Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER
logo
List of Unclassifed Man...
312-010-6040G ETC2-312-010-6040G Datasheet
5Mb / 93P
   Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
logo
Winchester Electronics ...
312-010-6040G WINCHESTER-312-010-6040G Datasheet
49Kb / 1P
   31 SERIES RIGHT ANGLE PLUS
More results

Similar Description - 312

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
   CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS_07 Datasheet
414Kb / 14P
   Fully integrated GPS LNA IC
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
   CMOS High Gain GPS LNA
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS Datasheet
158Kb / 10P
   GPS HIGH GAIN LNA ICs
logo
TriQuint Semiconductor
TQM640002 TRIQUINT-TQM640002 Datasheet
695Kb / 16P
   GPS LNA-Filter Receive Module
logo
STMicroelectronics
SMA66-1 STMICROELECTRONICS-SMA66-1 Datasheet
404Kb / 14P
   Fully integrated GPS LNA IC
logo
Will Semiconductor Ltd.
WS7918DC WILLSEMI-WS7918DC Datasheet
915Kb / 7P
   CMOS High Gain GPS LNA
WS7919S WILLSEMI-WS7919S Datasheet
729Kb / 9P
   CMOS High Gain GPS LNA
WS7916DC WILLSEMI-WS7916DC Datasheet
917Kb / 7P
   CMOS High Gain GPS LNA
logo
Guerrilla RF, Inc.
GRF4002-W GUERRILLA-GRF4002-W Datasheet
984Kb / 16P
   LNA-Driver: SDARS/Compensator/GPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com