Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0490A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0490A
Description  435.5MHz IF SAW Filter (BW=27 MHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0490A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0490A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0490A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0490A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0490A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0490A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0490A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0490A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 435.5MHz (SMD 5.0×5.0 mm)
MODEL NO.: TB0490A
Rev. NO. 1.0
A. MAXIMUM RATING:
1.Operating Temperature: -20
°C ~ 70 °C
2. Storage Temperature: -40
°C ~ +85 °C
B. Characteristics :
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency FC
MHz
-
435.5
-
-
Minimum Insertion loss I.L.
dB
-
12.4
13.5
-
3dB BW
MHz
27
33.9
-
Amplitude Ripple (FC ± 13.5MH)
dB
-
0.9
1.2
-
Relative Rejection (Reference to Minimum Insertion loss)
FC + 35.5MH
dB
35
52
-
-
FC - 35.5MH
dB
35
54
-
-
FC + 57.5MH
dB
45
59
-
-
FC - 57.5MH
dB
45
53
-
-
Temp Coefficient
ppm/K
-
-94
-
-
Matching:
1.The input of the filter will be matched to 50 ohm
2.The output of the filter will be matched to 50 ohm
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0490A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0490A GOLLEDGE-TB0490A Datasheet
174Kb / 6P
   435.50MHz SAW Filter
More results

Similar Description - TB0490A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0362A TAI-SAW-TB0362A Datasheet
236Kb / 7P
   44MHz IF SAW Filter (BW=1.7 MHz)
TB0364A TAI-SAW-TB0364A Datasheet
237Kb / 7P
   44MHz IF SAW Filter (BW=6.5 MHz)
TB0589A TAI-SAW-TB0589A Datasheet
236Kb / 5P
   288MHz IF SAW Filter (BW=20 MHz)
TB0320A TAI-SAW-TB0320A Datasheet
432Kb / 6P
   140MHz IF SAW Filter (BW=6 MHz)
TB0363A TAI-SAW-TB0363A Datasheet
238Kb / 7P
   44MHz IF SAW Filter (BW=3.4 MHz)
TB0377A TAI-SAW-TB0377A Datasheet
249Kb / 6P
   268.4MHz IF SAW Filter (BW=35 MHz)
TB0420A TAI-SAW-TB0420A Datasheet
248Kb / 6P
   494MHz IF SAW Filter (BW=77 MHz)
TB0362A TAI-SAW-TB0362A Datasheet
222Kb / 6P
   44MHz IF SAW Filter (BW=1.7 MHz)
TB0399A TAI-SAW-TB0399A Datasheet
258Kb / 7P
   156.8MHz IF SAW Filter (BW=15 MHz)
TB0445A TAI-SAW-TB0445A Datasheet
239Kb / 6P
   380MHz IF SAW Filter (BW=5 MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com