Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCV010515DP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCV010515DP
Description  Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCV010515DP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DCV010515DP Datasheet HTML 1Page - Burr-Brown (TI) DCV010515DP Datasheet HTML 2Page - Burr-Brown (TI) DCV010515DP Datasheet HTML 3Page - Burr-Brown (TI) DCV010515DP Datasheet HTML 4Page - Burr-Brown (TI) DCV010515DP Datasheet HTML 5Page - Burr-Brown (TI) DCV010515DP Datasheet HTML 6Page - Burr-Brown (TI) DCV010515DP Datasheet HTML 7Page - Burr-Brown (TI) DCV010515DP Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
DCV01
®
Miniature, 1W, 1500Vrms Isolated
UNREGULATED DC/DC CONVERTERS
©2000 Burr-Brown Corporation
PDS-1592A
Printed in U.S.A. April, 2000
DCV01
Series
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
FEATURES
q UP TO 85% EFFICIENCY
q THERMAL PROTECTION
q DEVICE-TO-DEVICE SYNCHRONIZATION
q SHORT CIRCUIT PROTECTION
q EN55022 CLASS B EMC PERFORMANCE
q UL1950 RECOGNIZED COMPONENT
q JEDEC PDIP-14 AND GULL-WING PACKAGES
DESCRIPTION
The DCV01 series is a family of 1W, 1500Vrms
isolated, unregulated, isolated DC/DC converters. Re-
quiring a minimum of external components and in-
cluding on-chip device protection, the DCV01 series
provides extra features such as output disable and
synchronization of switching frequencies.
The use of a highly integrated package design results
in highly reliable products with a power density of
40W/in3 (2.4W/cm3). This combination of features
high isolation and small size makes the DCV01 suit-
able for a wide range of applications.
APPLICATIONS
q INDUSTRIAL CONTROL AND
INSTRUMENTATION
q POINT-OF-USE POWER CONVERSION
q GROUND LOOP ELIMINATION
q DATA ACQUISITION
q TEST EQUIPMENT
q SECONDARY ISOLATION CIRCUITS
For most current data sheet and other product
information, visit www.burr-brown.com
I
BIAS
Power
Stage
V
OUT
÷ 2
Reset
800kHz
Oscillator
Watch-dog/
start-up
PSU
Thermal
Shutdown
SYNC
OUT
SYNC
IN
V
S
0V
Power Controller IC
0V
DCV01
DCV01


Similar Part No. - DCV010515DP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV010515DP BURR-BROWN-DCV010515DP Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010515DP-U BURR-BROWN-DCV010515DP-U Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010515DP-U/700 BURR-BROWN-DCV010515DP-U/700 Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCV010515DP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com