Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0416A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0416A
Description  IF SAW Filter 193.7MHz(BW=10MHz) SMD 9.1X7.1mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0416A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0416A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0416A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0416A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0416A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0416A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0416A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
IF SAW Filter 193.7MHz(BW=10MHz) SMD 9.1X7.1mm
MODEL NO.: TB0416A
REV. NO.1
A. MAXIMUM RATING:
1.Operating Temperature: -40
°C ~ +85 °C
2. Storage Temperature: -40
°C ~ +85 °C
3. Input Power Level : 10 dBm
B. Characteristics :
1. Ambient Temperature: 25
°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
193.7
-
-
Minimum Insertion loss I.L.
dB
-
16.0
18.0
-
1 dB Bandwidth
MHz
10.0
11.7
-
-
3 dB Bandwidth
MHz
12.0
12.6
-
-
20 dB Bandwidth
MHz
-
14.7
15.7
-
Group Delay Ripple (FC ± 5.0MHz)
nsec
-
78
200
-
Passband Ripple (FC ± 5.0MHz)
dB
-
0.7
1.0
-
Relative Rejection (Reference to Minimum Insertion loss)
1) 10MHz~180MHz
dB
35
41
-
-
2) 230MHz~550MHz
dB
38
43
-
-
3)550MHz~600MHz
dB
30
39
-
-
4) 600MHz~900MHz
dB
40
48
-
-
Temp Coefficient
ppm/˚C
-
23
-
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0416A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0416A GOLLEDGE-TB0416A Datasheet
137Kb / 5P
   SAW Filter 193.70MHz
More results

Similar Description - TB0416A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0415A TAI-SAW-TB0415A Datasheet
632Kb / 6P
   IF SAW Filter 154.1MHz(BW=10MHz) SMD 9.1X7.1mm
TB1172A TAI-SAW-TB1172A Datasheet
112Kb / 7P
   IF SAW Filter 114MHz(BW=100KHz) SMD 9.1X7.1mm
TB0681A TAI-SAW-TB0681A Datasheet
349Kb / 6P
   IF SAW Filter 110MHz(BW=200KHz) SMD 9.1X7.1mm
TB0588A TAI-SAW-TB0588A Datasheet
398Kb / 7P
   IF SAW Filter 288MHz(BW=10MHz) SMD 5X5mm
TB0782A TAI-SAW-TB0782A Datasheet
398Kb / 7P
   IF SAW Filter 153.6MHz(BW=10MHz) SMD 5X7mm
TA1672A TAI-SAW-TA1672A Datasheet
238Kb / 7P
   SAW Filter 434.1MHz 10MHz BW SMD 3.8횞3.8mm
TA1694A TAI-SAW-TA1694A Datasheet
241Kb / 9P
   SAW Filter 751MHz 10MHz BW SMD 1.1X0.9 mm
TA2622A TAI-SAW-TA2622A Datasheet
1Mb / 10P
   SAW Filter 751 MHz SMD 1109(BW=10MHz)
TA1693A TAI-SAW-TA1693A Datasheet
226Kb / 9P
   SAW Filter 782MHz 10MHz BW SMD 1.4X1.1 mm
TB1174A TAI-SAW-TB1174A Datasheet
177Kb / 8P
   SAW Filter 238MHz 10MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com