Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP101JP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DSP101JP
Description  DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSP101JP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DSP101JP Datasheet HTML 1Page - Burr-Brown (TI) DSP101JP Datasheet HTML 2Page - Burr-Brown (TI) DSP101JP Datasheet HTML 3Page - Burr-Brown (TI) DSP101JP Datasheet HTML 4Page - Burr-Brown (TI) DSP101JP Datasheet HTML 5Page - Burr-Brown (TI) DSP101JP Datasheet HTML 6Page - Burr-Brown (TI) DSP101JP Datasheet HTML 7Page - Burr-Brown (TI) DSP101JP Datasheet HTML 8Page - Burr-Brown (TI) DSP101JP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
®
DSP101/102
5
TYPICAL DSP102 FFT SETUP
REF
VINB
VPOTB
Burr-Brown
ZPB34
DSP
Processor
CASC
SSF
OSC1
CLKOUT
CLKIN
CONV
XCLK
SYNC
SOUTA
DSP102
22
12
11
15
20
200kHz
150
16MHz TTL Oscillator
FFT
Software
÷80
÷2
+5V
10
13
21
16
8MHz
27
26
25
0.1µF
1
10µF
+
10µF
+
220pF
150
220pF
Brüel & Kjaer
Model 1049
Digital Signal
Generator
6 Pole,
150kHz
Low-Pass
Filter
1kHz
1/2
OPA2604
1/2
OPA2604
2
VPOTA
±2.75V
VINA
DSP101 PIN ASSIGNMENTS
PIN #
NAME
DESCRIPTION
1
VPOT
Trim Reference Out. 10
µF Tantalum to AGND.
Voltage on this pin is approximately 2.75V.
2
VIN
Analog In.
3
MSB
MSB Adjust In.
4
VOS
VOS Adjust In.
5VA
–5V Analog Power.
6VA+
+5V Analog Power.
7
DGND
Digital Ground.
8
DGND
Digital Ground.
9VD
+5V Digital Power.
10
CLKIN
Conversion Clock In.
11
CLKOUT
Conversion Clock Out. Can drive multiple
DSP101/DSP102s to synchronize conversion.
12
SSF
Select Synch Format In. If HIGH, SYNC will be
active High. If LOW, SYNC will be active Low.
See timing diagram (Figure 1).
13
OSC1
Oscillator Point 1 Input/External Clock In. If using
external clock, drive with 74HC logic levels.
Connect to DGND if not used.
14
OSC2
Oscillator Point 2 Output. Provides drive for
crystal oscillator. Make no electrical connection if
using external clock.
15
SYNC
Data Synchronization Out. Active High when SSF
is HIGH; active Low when SSF is LOW.
16
XCLK
Data Transfer Clock In.
17
No Internal Connection.
18
TAG
User Tag In. Data clocked into this pin is
appended to the conversion results on SOUT.
See timing diagram (Figure 1).
19
No Internal Connection.
20
SOUT
Serial Data Out. MSB first, Binary Two’s
Complement format.
21
CONV
Convert Command In. Falling edge puts converter
into hold state, initiates conversion, and transmits
previous conversion results to DSP IC with
appropriate SYNC pulse.
22
DGND
Digital Ground.
23
No Internal Connection.
24
No Internal Connection.
25
No Internal Connection.
26
CAP
Bypass Capacitor. 10
µF Tantalum to AGND.
Voltage on this pin is approximately 2.7V.
27
REF
Reference Bypass. 0.1
µF Ceramic to AGND.
Voltage on this pin is approximately 3.8V.
28
AGND
Analog Ground.
DSP101 PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VA+ to Analog Common .................................................................... +7V
VA– to Analog Common .................................................................... –7V
VD to Digital Common ........................................................................ +7V
Analog Common to Digital Common ...................................................
±1V
Control Inputs to Digital Common ............................... –0.5 to VD + 0.5V
Analog Input Voltage ..........................................................................
±5V
Maximum Junction Temperature .................................................... 150oC
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ............................................... +300oC
Thermal Resistance,
θ
JA, Plastic DIP ............................................ 50
oC/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPOT
VIN
MSB
VOS
V –
V +
DGND
DGND
V
D
CLKIN
CLKOUT
SSF
OSC1
OSC2
A
A
AGND
REF
CAP
DGND
CONV
SOUT
TAG
XCLK
SYNC
DSP101
Top View
DIP


Similar Part No. - DSP101JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP101JP BURR-BROWN-DSP101JP Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - DSP101JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP101 BURR-BROWN-DSP101_05 Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
DSP201 BURR-BROWN-DSP201 Datasheet
106Kb / 19P
   DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com