Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR0112 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCR0112
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR0112 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DCR0112 Datasheet HTML 1Page - Burr-Brown (TI) DCR0112 Datasheet HTML 2Page - Burr-Brown (TI) DCR0112 Datasheet HTML 3Page - Burr-Brown (TI) DCR0112 Datasheet HTML 4Page - Burr-Brown (TI) DCR0112 Datasheet HTML 5Page - Burr-Brown (TI) DCR0112 Datasheet HTML 6Page - Burr-Brown (TI) DCR0112 Datasheet HTML 7Page - Burr-Brown (TI) DCR0112 Datasheet HTML 8Page - Burr-Brown (TI) DCR0112 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
DCR01
®
SPECIFICATIONS
At TA = +25°C, VS = nominal, IO = 10mA, CO = 0.1µF, unless otherwise specified.
DCR01 SERIES
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Setpoint
DCR010503
3.3
V
DCR010505
5V
DCR011203(2)
3.3
V
DCR011205(2)
5V
DCR012403(3)
3.3
V
DCR012405(3)
5V
Setpoint Accuracy
0.5
2.0
%
Maximum Output Current
DCR010503
300
mA
DCR010505
200
mA
DCR011203(2)
390
mA
DCR011205(2)
200
mA
DCR012403(3)
390
mA
DCR012405(3)
200
mA
Output Short-Circuit Protected
Duration
Infinite
Line Regulation
DCR010503
1
mV/V
DCR010505
1
mV/V
DCR011203(2)
1
mV/V
DCR011205(2)
1
mV/V
DCR012403(3)
1
mV/V
DCR012405(3)
1
mV/V
Over Line and Load
DCR010503
10mA to 300mA Load, 4.5V to 5.5V Line
1.0
2.5
%
DCR010505
10mA to 200mA Load, 4.5V to 5.5V Line
1.0
2.5
%
DCR011203
10mA to 390mA Load, 10.8V to 13.2V Line
1.0
2.5
%
DCR011205
10mA to 200mA Load, 10.8V to 13.2V Line
1.0
2.5
%
DCR012403
10mA to 390mA Load, 21.6V to 26.4V Line
1.0
2.5
%
DCR012405
10mA to 200mA Load, 21.6V to 26.4V Line
1.0
2.5
%
Versus Temperature
–40
°C to +85°C
1.0
%
Ripple and Noise
DCR0105 Ripple
20MHz Bandwidth, 50% Load
5
mVp-p
CIN = 2.2µF, CFILTER = 1µF, COUT = 0.1µF
DCR0105 Noise
100MHz Bandwidth, 50% Load
35
mVp-p
CIN = 2.2µ, CFILTER = 1µF, COUT = 0.1µF
INPUT
Nominal Voltage (VS)
DCR0105xx
5
V
DCR0112xx
12
V
DCR0124xx
24
V
Voltage Range
–10
+10
%
Supply Current
DCR010503
IO = 0mA
18
mA
IO = 10mA
28
mA
IO = 300mA
335
mA
DCR010505
IO = 0mA
25
mA
IO = 10mA
40
mA
IO = 200mA
310
mA
DCR011203(2)
IO = 0mA
13
mA
IO = 10mA
17
mA
IO = 390mA
173
mA
DCR011205(2)
IO = 0mA
13
mA
IO = 10mA
18
mA
IO = 200mA
125
mA
DCR012403(3)
IO = 0mA
15
mA
IO = 10mA
17
mA
IO = 390mA
94
mA
DCR012405(3)
IO = 0mA
15
mA
IO = 10mA
17
mA
IO = 200mA
71
mA
Reflected Ripple Current
DCR010503, DCR01505
MHz Bandwidth, 100% Load
8
mAp-p
CIN = 2.2µF, CFILTER = 1µF


Similar Part No. - DCR0112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCR011203 TI1-DCR011203 Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR011203P BURR-BROWN-DCR011203P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR011203P TI1-DCR011203P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR011203P TI1-DCR011203P Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Burr-Brown (TI)
DCR011203U BURR-BROWN-DCR011203U Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR0112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com