Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV101F Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DRV101F
Description  PWM SOLENOID/VALVE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV101F Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DRV101F Datasheet HTML 1Page - Burr-Brown (TI) DRV101F Datasheet HTML 2Page - Burr-Brown (TI) DRV101F Datasheet HTML 3Page - Burr-Brown (TI) DRV101F Datasheet HTML 4Page - Burr-Brown (TI) DRV101F Datasheet HTML 5Page - Burr-Brown (TI) DRV101F Datasheet HTML 6Page - Burr-Brown (TI) DRV101F Datasheet HTML 7Page - Burr-Brown (TI) DRV101F Datasheet HTML 8Page - Burr-Brown (TI) DRV101F Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
®
DRV101
CONNECTION DIAGRAMS
Top Front View
TO-220, DDPAK
Supply Voltage, VS .............................................................................. 60V
Input Voltage .......................................................................... –0.2V to VS
PWM Adjust Input .................................................................. –0.2V to VS
Delay Adjust Input ................................................ –0.2V to VS (24V max)
Operating Temperature Range ...................................... –40
°C to +125°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s)(2) ........................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) Vapor-phase or IR reflow techniques are recom-
mended for soldering the DRV101F surface-mount package. Wave soldering
is not recommended due to excessive thermal shock and “shadowing” of
nearby devices.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.
7-Lead
Stagger-Formed
TO-220
NOTE: Tabs are electrically connected to ground (pin 4).
123 4 5 6 7
7-Lead
DDPAK
Surface-Mount
PWM
PWM
Gnd
Out
V
S
Delay
In
123 4 5 6
Flag
Gnd
Out
V
S
Delay
In
Flag
7
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
DRV101T
7-Lead Stagger-Formed TO-220
327
–40
°C to +85°C
DRV101T
DRV101T
Rails
DRV101F
7-Lead DDPak Surface Mount
328
–40
°C to +85°C
DRV101F
DRV101F
Rails
"
"
"
"
"
DRV101F/500
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/)
are available only in Tape and Reel in the quantities indicated (e.g., /500 indicates 500 devices per reel). Ordering 500 pieces of “DRV101F/500” will get a single
500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION


Similar Part No. - DRV101F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV101F TI1-DRV101F Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV101F/500 TI1-DRV101F/500 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV101FKTWT TI1-DRV101FKTWT Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV101FKTWTG3 TI1-DRV101FKTWTG3 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV101F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101_15 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102 TI1-DRV102_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com