Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC101 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DDC101
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DDC101 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DDC101 Datasheet HTML 1Page - Burr-Brown (TI) DDC101 Datasheet HTML 2Page - Burr-Brown (TI) DDC101 Datasheet HTML 3Page - Burr-Brown (TI) DDC101 Datasheet HTML 4Page - Burr-Brown (TI) DDC101 Datasheet HTML 5Page - Burr-Brown (TI) DDC101 Datasheet HTML 6Page - Burr-Brown (TI) DDC101 Datasheet HTML 7Page - Burr-Brown (TI) DDC101 Datasheet HTML 8Page - Burr-Brown (TI) DDC101 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
®
DDC101
4
SECTION 2
SPECIFICATIONS
ELECTRICAL
All specifications with unipolar current input range, T
INT = 1ms, correlated double sampling enabled, System Clock = 2MHz, VREF = –2.5V, TA = +25°C and VS = ±5VDC,
unless otherwise noted.
DDC101
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS
Charge Input(6)
Unipolar Input Range
BTC Output Code
–1.95
500
pC/Integration
Bipolar Input Range
BTC Output Code
–251.95
250
pC/Integration
Input Current
Unipolar or Bipolar Range
7.8
µA
Current Input Range Examples(10)
Unipolar Input Range
T
INT
= 100
µs
–0.0195
5
µA
Unipolar Input Range
T
INT = 1ms
–1.95
500
nA
Bipolar Input Range
T
INT = 100µs
–2.5195
2.5
µA
Bipolar Input Range
T
INT = 1ms
–251.95
250
nA
Voltage Input Examples(10)
Unipolar Input Range(2)
R
IN
= 10M
Ω, T
INT
= 1ms
–0.0195
5
V
Bipolar Input Range(2)
R
IN = 10MΩ, TINT = 1ms
–2.5195
2.5
V
DYNAMIC CHARACTERISTICS
Conversion Time
64
256 x 106
µs
Integration Time
64
106
µs
System Clock Input
0.5
2
MHz
ACCURACY
Unipolar Mode Noise
Noise, Low Level Current Input(1)
C
SENSOR = 0pF, L = 8
0.9
ppm of FSR, rms(3)
Noise, Low Level Current Input(1)
C
SENSOR = 0pF, L = 1
1.6
ppm of FSR, rms
Noise, Low Level Current Input(1)
C
SENSOR
= 100pF, L = 1
2.1
3
ppm of FSR, rms
Noise, Low Level Current Input(1)
C
SENSOR = 500pF, L = 1
4.2
ppm of FSR, rms
Noise, Voltage Input(1, 2)
R
IN ≥ 20MΩ
1.9
ppm of FSR, rms
Differential Linearity Error
Unipolar Input Range
Entire Range
±0.005% Reading ±0.5ppm FSR, max
0.1% FSR Input
±0.00006
% of FSR
1% FSR Input
±0.00010
% of FSR
10% FSR Input
±0.00055
% of FSR
Unipolar or Bipolar Input Range
±0.0015
% of FSR
Integral Linearity Error
Unipolar Input Range(11)
0 to 500 pc/Integration
±0.0244% Reading ±2.5ppm FSR, max
–1.95 to 0 pc/Integration
±0.0244% Reading ±3.0ppm FSR, max
0.1% FSR Input
±0.00028
% of FSR
1% FSR Input
±0.00050
% of FSR
10% FSR Input
±0.0027
% of FSR
Unipolar or Bipolar Input Range(11)
±0.003
% of FSR
No Missing Codes
Unipolar Input Range
18
Bits
Bipolar Input Range
16
Bits
Input Bias Current
T
A
= +25
°C3
10
pA
DC Gain Error
±0.5
±2
% of FSR
Output Offset Error(8)
±0.5
ppm of FSR
Input Offset Voltage(8)
±0.5
±2mV
External Voltage Reference, V
REF
–2.5
VDC
Internal Test Signal
100
nA
Internal Test Signal Accuracy
±20
nA
Gain Sensitivity to V
REF
V
REF = 2.5V ±0.1V
1:1
PSRR
80
90
dB
PERFORMANCE OVER TEMPERATURE
Output Offset Drift(8)
not including bias current drift
0
µV/°C
Input Offset Voltage Drift(8)
1
µV/°C
Input Bias Current Drift
+25
°C to +45°C
0.1
0.5
pA/
°C
Input Bias Current
T
A
= +85
°C8
40
pA
Gain Drift(4)
±15
ppm/
°C
DIGITAL INPUT/OUTPUT
Logic Family
TTL Compatible CMOS
Logic Level: V
IH
I
IH = +5µA
+2.0
+V
CC
V
V
IL
I
IL = +5µA
–0.3
+0.8
V
V
OH
I
OH = 2 TTL Loads
+2.4
+V
CC
V
V
OL
I
OL
= 2 TTL Loads
0.0
0.4
V
Data Clock
Data I/O
8
MHz
SETUP Code I/O(9)
4
MHz
Data Format
Straight Binary
Unipolar or Bipolar Range
20
Bits
Two’s Complement
Unipolar or Bipolar Range
21
Bits


Similar Part No. - DDC101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101 TI-DDC101 Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
DDC101UG4 TI1-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101UG4 TI-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
More results

Similar Description - DDC101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com