Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP011515DP-U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCP011515DP-U
Description  Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP011515DP-U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DCP011515DP-U Datasheet HTML 1Page - Burr-Brown (TI) DCP011515DP-U Datasheet HTML 2Page - Burr-Brown (TI) DCP011515DP-U Datasheet HTML 3Page - Burr-Brown (TI) DCP011515DP-U Datasheet HTML 4Page - Burr-Brown (TI) DCP011515DP-U Datasheet HTML 5Page - Burr-Brown (TI) DCP011515DP-U Datasheet HTML 6Page - Burr-Brown (TI) DCP011515DP-U Datasheet HTML 7Page - Burr-Brown (TI) DCP011515DP-U Datasheet HTML 8Page - Burr-Brown (TI) DCP011515DP-U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
DCP0115
®
SPECIFICATIONS
At TA = +25°C, VS = +15V, unless otherwise specified.
DCP0115 SERIES
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Power
VS + 4%
1
W
100% Full Load
0.92
W
Voltage (VNOM)(1)
DCP011512D
75% Full Load
±10
±12
±12.6
V
DCP011515D
75% Full Load
±13
±15
±15.75
V
Voltage vs Temperature
±0.08
%/
°C
Short Circuit Duration
VS ± 10%
Indefinite
Ripple
CL = O/P Capacitor = 10µF
6
mVp-p
100% Full Load
INPUT
Nominal Voltage (VS)
15
V
Voltage Range
–10
10
%
Supply Current
100% Full Load
83
mA
Reflected Ripple Current
CIN = I/P Capacitor = 1µF
8
mArms
50% Full Load
ISOLATION
Voltage(2)
1s Flash Test
1
kVrms
Continuous Voltage(3)
1
kVrms
Insulation Resistance
>1
G
Input/Output Capacitance
2.5
pF
LOAD REGULATION
DCP011512D
10% to 100% Load
20
39
%
10% to 25% Load
10
%
25% to 75% Load
5
%
75% to 100% Load
–7
%
DCP011515D
10% to 100% Load
20
39
%
10% to 25% Load
10
%
25% to 75% Load
9
%
75% to 100% Load
–4
%
SWITCHING/SYNCHRONIZATION
Oscillator Frequency (fOSC)
Switching Frequency = fOSC/2
800
kHz
Sync Input Low
0
0.8
V
Sync Input Current
VSYNC = +2V
48
µA
Reset Time
3.8
µs
SYNCOUT Frequency
400
kHz
GENERAL
No Load Current
DCP011512D
0% Load
14
mA
DCP011515D
0% Load
17
mA
Efficiency
DCP011512D
100% Full Load
76
%
10% Full Load
48
%
DCP011515D
100% Full Load
76
%
10% Full Load
42
%
MTTF(3)
TA = +85°C
136,000
hrs
TA = +55°C
2,630,000
hrs
TA = +25°C
92,600,000
hrs
Weight
14-Pin PDIP
1.08
g
THERMAL SHUTDOWN
Die Temperature
115
140
°C
Shutdown Current
3mA
TEMPERATURE RANGE
Operating
–40
100
°C
NOTES: (1) 100 % load current = 1W/VNOM typical. (2) Rated working voltage = 130Vrms (IEC950 convention). (3) Life test data.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - DCP011515DP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP011515DB BURR-BROWN-DCP011515DB Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP011515DB TI1-DCP011515DB Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
DCP011515DBP BURR-BROWN-DCP011515DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP011515DBP BURR-BROWN-DCP011515DBP Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP011515DBP TI-DCP011515DBP Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP011515DP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com