Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP0124 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCP0124
Description  Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP0124 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DCP0124 Datasheet HTML 1Page - Burr-Brown (TI) DCP0124 Datasheet HTML 2Page - Burr-Brown (TI) DCP0124 Datasheet HTML 3Page - Burr-Brown (TI) DCP0124 Datasheet HTML 4Page - Burr-Brown (TI) DCP0124 Datasheet HTML 5Page - Burr-Brown (TI) DCP0124 Datasheet HTML 6Page - Burr-Brown (TI) DCP0124 Datasheet HTML 7Page - Burr-Brown (TI) DCP0124 Datasheet HTML 8Page - Burr-Brown (TI) DCP0124 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
®
DCP0124
DCP0124
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
NC
SYNC
IN
SYNC
OUT
DCP0124
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
–V
OUT
SYNC
IN
SYNC
OUT
Top View
DIP
PIN CONFIGURATION (Single)
Top View
DIP
PIN CONFIGURATION (Dual)
PIN DEFINITION (Single)
PIN #
PIN NAME
DESCRIPTION
1VS
Voltage Input.
2
0V
Input Side Common.
5
0V
Output Side Common.
6+VOUT
+Voltage Out.
7
NC
No Connection.
8
SYNCOUT
Unregulated 400kHz Output from Transformer.
14
SYNCIN
Synchronization Pin.
PIN DEFINITION (Dual)
PIN #
PIN NAME
DESCRIPTION
1VS
Voltage Input.
2
0V
Input Side Common.
5
0V
Output Side Common.
6+VOUT
+Voltage Out.
7–VOUT
–Voltage Out.
8
SYNCOUT
Unregulated 400kHz Output from Transformer.
14
SYNCIN
Synchronization Pin.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Input Voltage ........................................................................................ 29V
Storage Temperature ...................................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
ABSOLUTE MAXIMUM RATINGS
DCP01
Basic Model Number: 1W Product
Voltage Input:
24V In
Voltage Output:
5V Out
Dual Output:
Package Code:
P = 14-Pin Plastic DIP
P-U = 14-Pin Plastic Dip Gull Wing
ORDERING INFORMATION
24
05
()
(D )
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
Single
DCP012405
14-Pin PDIP
010-1
–40
°C to +100°C
DCP012405P
DCP012405P
Rails
DCP012405
14-Pin PDIP Gull Wing
010-2
–40
°C to +100°C
DCP012405P-U
DCP012405P-U
Rails
"
"
"
"
"
DCP012405P-U/700
Tape and Reel
Dual
DCP012415D
14-Pin PDIP
010-1
–40
°C to +100°C
DCP012415DP
DCP012415DP
Rails
DCP012415D
14-Pin PDIP Gull Wing
010-2
–40
°C to +100°C
DCP012415DP-U
DCP012415DP-U
Rails
"
"
"
"
"
DCP012415DP-U/700
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /700 indicates 700 devices per reel). Ordering 700 pieces of DCP012405P-U/700 will get a single
700-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION


Similar Part No. - DCP0124

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP012405 BURR-BROWN-DCP012405 Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP012405B BURR-BROWN-DCP012405B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP012405B BURR-BROWN-DCP012405B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP012405B TI1-DCP012405B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
DCP012405BP BURR-BROWN-DCP012405BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP0124

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com