Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC811SH Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC811SH
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC811SH Datasheet(HTML) 8 Page - Burr-Brown (TI)

  DAC811SH Datasheet HTML 1Page - Burr-Brown (TI) DAC811SH Datasheet HTML 2Page - Burr-Brown (TI) DAC811SH Datasheet HTML 3Page - Burr-Brown (TI) DAC811SH Datasheet HTML 4Page - Burr-Brown (TI) DAC811SH Datasheet HTML 5Page - Burr-Brown (TI) DAC811SH Datasheet HTML 6Page - Burr-Brown (TI) DAC811SH Datasheet HTML 7Page - Burr-Brown (TI) DAC811SH Datasheet HTML 8Page - Burr-Brown (TI) DAC811SH Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
®
DAC811
8
FIGURE 10. Right-Justified Data Bus Interface.
FIGURE 11. Left-Justified Data Bus Interface.
8-BIT INTERFACE
The control logic of DAC811 permits interfacing to right-
justified data formats, as illustrated in Figure 9. When a
12-bit D/A converter is loaded from an 8-bit bus, two bytes
of data are required. Figures 10 and 11 show an addressing
scheme for right-justified and left-justified data respectively.
The base address is decoded from the high-order address
bits. A0 and A1 address the appropriate latches. Note that
adjacent addresses are used. For the right-justified case,
X1016 loads the 8LSBs, and X0116 loads the 4MSBs and
simultaneously transfers input latch data to the D/A latch.
Addresses X0016 and X1116 are not used.
Left-justified data is handled in a similar manner, shown in
Figure 11. The DAC811 still occupies two adjacent loca-
tions in the microcomputer's memory map.
FIGURE 8. Addressing and Control for 4-Bit Microcom-
puter Interface.
FIGURE 9. 12-Bit Data Format for 8-Bit Systems.
D0
D4
D8
D1
D5
D9
D2
D6
D10
D3
D7
D11
16
14
10
17
13
9
18
12
8
19
11
7
DB0
DB1
DB2
DB3
WR
A
A
1
0
Base
Address
Decoder
A
A
N
2
2
3
4
5
6
WR
LDAC
N
N
N
1/2
74LS139
A
B
C
7
6
5
4
1
3
2
CS
(Chip
Select)
A
A
1
0
EN
Y
Y
Y
Y
3
2
1
0
X
X
X
X D11 D10 D9 D8
D7 D6 D5 D4 D3 D2 D1 D0
a. Right-Justified
D11 D10 D9 D8 D7 D6 D5 D4
D3 D2 D1 D0
b. Left-Justified
XXXX
D0
D8
D1
D9
D2
D10
D3
D11
D4
D5
D6
D7
16
10
17
9
18
8
19
7
14
13
12
11
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
WR
A
A
1
0
Base
Address
Decoder
A
A
15
2
2
3
4
5
6
WR
LDAC
N
N
N
A
B
C
CS
D4
D5
D6
D7
D8
D0
D9
D1
D10
D2
D11
D3
14
13
12
11
10
16
9
17
8
18
7
19
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
WR
A
A
1
0
Base
Address
Decoder
A
A
15
2
2
3
4
5
6
WR
LDAC
N
N
N
A
B
C
CS


Similar Part No. - DAC811SH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811AH TI1-DAC811AH Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811BH TI1-DAC811BH Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JP TI1-DAC811JP Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JPG4 TI1-DAC811JPG4 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC811SH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com