Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM602 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UM602
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602 Datasheet(HTML) 2 Page - Unisonic Technologies

  UM602 Datasheet HTML 1Page - Unisonic Technologies UM602 Datasheet HTML 2Page - Unisonic Technologies UM602 Datasheet HTML 3Page - Unisonic Technologies UM602 Datasheet HTML 4Page - Unisonic Technologies UM602 Datasheet HTML 5Page - Unisonic Technologies UM602 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTCUM602/A
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-030,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
36
V
Differential Input Voltage
Vid
36
V
Input voltage
Vi
-0.3 to +36
V
Operating Free-air Temperature Range
Toper
-40 to +125
°C
Maximum Junction Temperature
Tj
150
°C
Thermal Resistance Junction to Ambient
(SOP package)
150
°C/W
ELECTRICAL CHARACTERISTICS (Vcc
+=5V, Vcc-=0V, T
amb=25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Total Supply Current
Tmin. < Tamb < Tmax.
Icc
0.8
1.5
2
mA
OPERATIONAL AMPLIFIERS
(Vcc
+=5V, Vcc=GND, R1 connected to Vcc/2,Tamb=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Offset Voltage
Tmin.<= Tamb <= Tmax.
Vio
1
4.5
6.5
mV
Input Offset Voltage Drift
DVio
10
µV/°C
Input Bias Current
Tmin.<= Tamb <= Tmax.
Iib
20
100
200
nA
Input Offset Current
Tmin.<= Tamb <= Tmax.
Iio
5
20
40
nA
Large Signal Voltage Gain
R1=10k, Vcc
+=30V Vo=5V to 25V
Tmin.<= Tamb <= Tmax.
Avd
50
25
100
V/mV
Supply Voltage Rejection Ratio
Vcc=5V to 30V
SVR
80
100
dB
Input Common Mode Voltage Range
Tmin.<= Tamb <= Tmax.
Vicm
(Vcc
-) to (Vcc+) -1.8
(Vcc
-) to (Vcc+) -2.2
V
Common Mode Rejection Ratio
Vcc
+=30V,Vicm=0V to (Vcc+)-1.8V
CMR
70
90
dB
Output Short Circuit Current
Vid=±1V,Vo=2.5V
Source
Sink
Isc
3
3
6
6
mA
High Level Output Voltage RL=10kΩ
Vcc
+=30V
Tmin.<= Tamb <= Tmax.
VoH
27
26
28
V
Low Level Output Voltage RL=10kΩ
Tmin.<= Tamb <= Tmax.
VoL
100
150
210
mV
Slew Rate
Vcc=±15V
Vi=±10V,RL=10KΩ,CL=100pF
SR
1.6
2
V/
µs
Gain Bandwidth Product
RL=10KΩ, CL=100pF, f=100kHz
GBP
1.4
2.1
MHz


Similar Part No. - UM602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM602 ETC1-UM602 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Unisonic Technologies
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602/A UTC-UM602/A Datasheet
99Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602A UTC-UM602A Datasheet
224Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602A UTC-UM602A Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results

Similar Description - UM602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
   Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
logo
KEC(Korea Electronics)
KIA7102AP KEC-KIA7102AP Datasheet
360Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR ADJUSTABLE VOLTAGE REFERENCE)
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com