Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP0115 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCP0115
Description  Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP0115 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DCP0115 Datasheet HTML 1Page - Burr-Brown (TI) DCP0115 Datasheet HTML 2Page - Burr-Brown (TI) DCP0115 Datasheet HTML 3Page - Burr-Brown (TI) DCP0115 Datasheet HTML 4Page - Burr-Brown (TI) DCP0115 Datasheet HTML 5Page - Burr-Brown (TI) DCP0115 Datasheet HTML 6Page - Burr-Brown (TI) DCP0115 Datasheet HTML 7Page - Burr-Brown (TI) DCP0115 Datasheet HTML 8Page - Burr-Brown (TI) DCP0115 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
®
DCP0115
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, unless otherwise noted.
–40
40
Temperature (°C)
SWITCHING FREQUENCY vs TEMPERATURE
60
80
100
120
–20
0
20
101
100
99
98
97
96
95
94
93
92
13.5
Input Voltage (V)
DCP011512D
OUTPUT VOLTAGE vs INPUT VOLTAGE (75% Load)
16.0
16.5
14.0
14.5
15
15.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
+V
OUT
–V
OUT
13.5
Input Voltage (V)
DCP011515D
OUTPUT VOLTAGE vs INPUT VOLTAGE (75% Load)
16.0
16.5
14.0
14.5
15
15.5
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
13.0
–V
OUT
+V
OUT
–40
–20
0
20
40
60
80
100
Temperature (°C)
OUTPUT POWER vs TEMPERATURE
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
75
50
10
–V
OUT Load (% of Full Load)
DCP011512D
LOAD BALANCE (+V
OUT LOAD = 100%)
15
10
5
0
–5
–10
–15
–V
OUT
+V
OUT
150
100
75
50
10
–V
OUT Load (% of Full Load)
DCP011512D
LOAD BALANCE (+V
OUT LOAD = 10%)
15
10
5
0
–5
–10
–15
–V
OUT
+V
OUT


Similar Part No. - DCP0115

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP011512 BURR-BROWN-DCP011512 Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP011512DB BURR-BROWN-DCP011512DB Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP011512DB TI1-DCP011512DB Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
DCP011512DBP BURR-BROWN-DCP011512DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP011512DBP BURR-BROWN-DCP011512DBP Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP0115

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com