Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HCT1G66 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HCT1G66
Description  BILATERAL SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT1G66 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HCT1G66 Datasheet HTML 1Page - Unisonic Technologies U74HCT1G66 Datasheet HTML 2Page - Unisonic Technologies U74HCT1G66 Datasheet HTML 3Page - Unisonic Technologies U74HCT1G66 Datasheet HTML 4Page - Unisonic Technologies U74HCT1G66 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HCT1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-277.C
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~11
V
VCC or GND Current
ICC
±50
mA
Input Clamp Current
IIK
±20
mA
Switch Diode Current
ISK
±20
mA
Switch Current
IS
±25
mA
Power Dissipation
PD
200
mW
Derate above TA>55°C
2.5
mW/K
Operating Temperature
TOPR
-40 ~ + 125
Storage Temperature
TSTG
-65 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIN
GND
VCC
V
Switch voltage
VS
GND
VCC
V
Input Transition Rise or Fall Rate
tR, tF
VCC=2.0V
ns
VCC=4.5V
6
500
VCC=6.0V
VCC=10.0V
STATIC CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=4.5V~5.5V
2.0
V
Low-Level Input Voltage
VIL
VCC=4.5V~5.5V
0.8
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=VCC or GND
0.1
1.0
μA
Quiescent Supply Current
IQ
VCC=4.5V~5.5V, VIN=VCC or GND,
VIS=GND or VCC, VOS=VCC or GND
1
10
μA
Additional supply current per
input
∆ IQ
VCC= 4.5 to 5.5V,VIN=VCC-2.1v
500
μA
Analog Switch
Current
OFF-state
IS
VCC=5.5, VIN=VIH or VIL;
|VS|=VCC-GND
0.1
1
μA
ON-state
0.1
1
ON-Resistance
PEAK
RON(PEAK)
VCC=4.5V, IS=1mA, VIS=VCC to
GND; VIN=VIH or VIL;
42
118
RAIL
RON(RAIL)
VCC=4.5V, IS=1mA, VIS=GND;
VIN=VIH or VIL;
29
95
VCC=4.5V, IS=1mA, VIS=VCC;
VIN=VIH or VIL;
35
106
DYNAMIC CHARACTERISTICS (TA=25°С, CL=50pF, Input: tR=tF=6ns, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note)
MAX
UNIT
Propagation Delay VIS to VOS
tPHL/tPLH VCC=4.5V, RL=∞
3
15
ns
Turn-ON Time E to VOS
tPZH/tPZL VCC=4.5V, RL=1KΩ
15
30
ns
Turn-OFF Time E to VOS
tPHZ/tPLZ VCC=4.5V, RL=1KΩ
13
44
ns
Note : All typical values are measured at TA=25°С


Similar Part No. - U74HCT1G66

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT125 UTC-U74HCT125 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
U74HCT125G-P14-R UTC-U74HCT125G-P14-R Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
U74HCT125G-P14-R UTC-U74HCT125G-P14-R Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125G-P14-T UTC-U74HCT125G-P14-T Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
U74HCT125G-P14-T UTC-U74HCT125G-P14-T Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
More results

Similar Description - U74HCT1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com