Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74CBT3126 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74CBT3126
Description  QUADRUPLE FET BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBT3126 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74CBT3126 Datasheet HTML 1Page - Unisonic Technologies U74CBT3126 Datasheet HTML 2Page - Unisonic Technologies U74CBT3126 Datasheet HTML 3Page - Unisonic Technologies U74CBT3126 Datasheet HTML 4Page - Unisonic Technologies U74CBT3126 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74CBT3126
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-567.a
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Supply Voltage
VCC
4 ~ 5.5
V
High
VIH
2
V
Control Input Voltage
Low
VIL
0.8
V
Input Clamp Current
IIK
-50
mA
Continuous Channel Current
ICH
128
mA
SOP-14
600
Power Dissipation
TOPR = -40°C to +125°C
TSSOP-14
PD
500
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-14
139
Junctions to Ambient
TSSOP-14
θJA
170
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C , VCC = 5 V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Digital Input Diode Voltage
VIK
VCC = 4.5V, II = -18mA
-1.2
V
Input Leakage Current
(OE inputs)
II(LEAK) VCC = 5.5V, VIN = 5.5V or GND
±1
μA
Quiescent Supply Current
ICC
VCC = 5.5V, VIN = 5.5V or GND, IOUT = 0
3
μA
Additional quiescent Supply
Current
Δ ICC
VCC = 5.5V, One input at 3.4V,
Other inputs at VCC or GND
2.5
mA
Input Capacitance (OE)
CIN
VIN = 3V or GND
3
pF
I/O Capacitance (OFF)
CIO
VOUT = 3V or GND, OE = GND
4
pF
VCC = 4V, VIN = 2.4V, IIN = 15mA, TYP at VCC = 4V
16
22
VCC = 4.5V, VIN = 0V, IIN = 64mA
5
7
VCC = 4.5V, VIN = 0V, IIN = 30mA
5
7
Resistor between two ports
ron
VCC = 4.5V, VIN = 2.4V, IIN = 15mA
10
15
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VCC=4V, CL=50pF, RL=500Ω
0.35
Propagation delay
from input A (or B) to output B (or A)
tPLH/tPHL
(tpd)
VCC=5±0.5V, CL=50pF, RL=500Ω
0.25
ns
VCC=4V, CL=50pF, RL=500Ω
5.4
Propagation delay
from input OE to output A or B
tPZL/tPZH
(ten)
VCC=5±0.5V, CL=50pF, RL=500Ω
1.6
5.1
ns
VCC=4V, CL=50pF, RL=500Ω
5
Propagation delay
from input OE to output A or B
tPLZ/tPHZ
(tdis)
VCC=5±0.5V, CL=50pF, RL=500Ω
1
4.5
ns


Similar Part No. - U74CBT3126

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3126G-P14-R UTC-U74CBT3126G-P14-R Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126G-S14-R UTC-U74CBT3126G-S14-R Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
More results

Similar Description - U74CBT3126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CB3Q3125 TI1-SN74CB3Q3125_15 Datasheet
1Mb / 26P
[Old version datasheet]   Quadruple FET Bus Switch
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com